Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1331SH Datasheet(PDF) 7 Page - eupec GmbH

Part # D1331SH
Description  Schnelle beschaltungslose Diode Fast Hard Drive Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D1331SH Datasheet(HTML) 7 Page - eupec GmbH

Back Button D1331SH Datasheet HTML 2Page - eupec GmbH D1331SH Datasheet HTML 3Page - eupec GmbH D1331SH Datasheet HTML 4Page - eupec GmbH D1331SH Datasheet HTML 5Page - eupec GmbH D1331SH Datasheet HTML 6Page - eupec GmbH D1331SH Datasheet HTML 7Page - eupec GmbH D1331SH Datasheet HTML 8Page - eupec GmbH D1331SH Datasheet HTML 9Page - eupec GmbH D1331SH Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SH
Schnelle besch altungslose Diode
Fast Hard Drive Diod e
Datenblatt / Data sheet
D 1331SH
7/10
Seite/page
I
FM =10 0A
I
FM =50 0A
I
FM =10 00A
I
FM =25 00A
0
200
400
600
800
10 00
12 00
14 00
16 00
18 00
0
200
40 0
600
80 0
1000
12 00
1400
-d i/d t [A/µ s ]
Rückstromspitze / peak reverse recovery current IRM = f(-di/dt)
Tvj=Tvjmax, VCL = 2800V, clamp circuit LS≤ 0,25µH,
RCL = 68ΩCCL = 3µF, DCL = 34DSH65


Similar Part No. - D1331SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D1331SH INFINEON-D1331SH Datasheet
349Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 10.2
More results

Similar Description - D1331SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D931SH EUPEC-D931SH Datasheet
304Kb / 10P
   Fast Hard Drive Diode
D1961SH EUPEC-D1961SH Datasheet
270Kb / 10P
   Fast Hard Drive Diode
logo
Infineon Technologies A...
D650S INFINEON-D650S Datasheet
151Kb / 6P
   Schnelle Diode Fast Diode
2009-03-16 revision:1.0
D450S INFINEON-D450S Datasheet
160Kb / 5P
   Schnelle Diode Fast Diode
2010-01-18 revision:3.1
D690S INFINEON-D690S Datasheet
170Kb / 6P
   Schnelle Diode Fast Diode
2008-09-15 revision:3.0
logo
eupec GmbH
D170U25 EUPEC-D170U25 Datasheet
65Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
D721S EUPEC-D721S Datasheet
92Kb / 7P
   Schnelle Gleichrichterdiode Fast Diode
D658S10 EUPEC-D658S10 Datasheet
71Kb / 6P
   Schnelle Gleichrichterdiode Fast Diode
D371S45T EUPEC-D371S45T Datasheet
49Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
D170S25 EUPEC-D170S25 Datasheet
71Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com