Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK2511DPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK2511DPK
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2511DPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK2511DPK_10 Datasheet HTML 1Page - Renesas Technology Corp RJK2511DPK_10 Datasheet HTML 2Page - Renesas Technology Corp RJK2511DPK_10 Datasheet HTML 3Page - Renesas Technology Corp RJK2511DPK_10 Datasheet HTML 4Page - Renesas Technology Corp RJK2511DPK_10 Datasheet HTML 5Page - Renesas Technology Corp RJK2511DPK_10 Datasheet HTML 6Page - Renesas Technology Corp RJK2511DPK_10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1486-0500 Rev.5.00
Page 1 of 6
Jun 30, 2010
Preliminary Datasheet
RJK2511DPK
Silicon N Channel MOS FET
High Speed Power Switching
Features
 Low on-resistance
 Low leakage current
 High speed switching
Outline
RENESAS Package code: PRSS0004ZE-A
(Package name:TO-3P)
D
S
G
1. Gate
2. Drain (Flange)
3. Source
1
2
3
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
250
V
Gate to source voltage
VGSS
30
V
Drain current
ID
65
A
Drain peak current
ID (pulse)
Note1
200
A
Body-drain diode reverse drain current
IDR
65
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
200
A
Avalanche current
IAP
Note3
22
A
Avalanche energy
EAR
Note3
30.2
mJ
Channel dissipation
Pch
Note2
200
W
Channel to case thermal impedance
ch-c
0.625
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
3. STch = 25
C, Tch  150C
REJ03G1486-0500
Rev.5.00
Jun 30, 2010


Similar Part No. - RJK2511DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2511DPK RENESAS-RJK2511DPK_15 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK2511DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com