Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20118ASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20118ASP
Description  Critical Conduction Mode Interleaved PFC Control IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20118ASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20118ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
R2A20118ASP
Preliminary
R03DS0002EJ0100 Rev.1.00
Page 3 of 9
Jul 14, 2010
Block Diagram
GD-M
VCC
GD-S
FB
COMP
OCP-M
VREF
ZCD-M
ZCD-S
RAMP
OCP COMP1
2.5 V
OVP BLOCK
GND
FB
GD Disable
ON: 10.5 V
OFF: 9.3 V
Vzcd_lo = 1.3 V
250 mVhys
–0.1 V ~ 4.5 V
4.3 V
VREF
0.9 V
(design spec)
ErrorAmp
Iramp
OCP-M
OCP-S
OCP COMP2
0.3 V
OCP-S
SS
UVL
BOUT
FBLOW
10
μA
10
μA
TL
VREF
S
R
Q
Vcc reset
TL COMP
ZCD COMP1
ZCD COMP2
LATCH
SW COMP
OVP2
OVP2
BO
Stop GD
(BOUT)
Hi: ON
7.5
μA
RAMP-GAIN
Hi: ON
Hi: ON
10
μA
80
μA
0 to 240
μA
VREF
VREF
VREF
VREF
RAMP AMP
RT
–0.1 V ~ 4.5 V
Clamp
Clamp
+
1.4 V
+
2.275 V
(design spec)
+
+
+
3.2
μA
5
μA
5
μA
3.2 V
6.4
μA
Stop
GD
Hi: ON
VREF: 5 V
UVLO
+
Vac_lo = 3.2 V
390 mVhys
Ibo, Iramp
Tstart
Logic
+
+
+
+
10
μA
COMP
Discharge


Similar Part No. - R2A20118ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
More results

Similar Description - R2A20118ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com