Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24256BTAS0I Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1EX24256BTAS0I
Description  Two-wire serial interface 256k EEPROM (32-kword8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256BTAS0I Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1EX24256BTAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 9Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 10Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 11Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 12Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 13Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 14Page - Renesas Technology Corp R1EX24256BTAS0I Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
R1EX24256BSAS0I/R1EX24256BTAS0I
Acknowledge Polling:
Acknowledge polling feature is used to show if the EEPROM is in a internally-timed write cycle or not. This feature is
initiated by the stop condition after inputting write data. This requires the 8-bit device address word following the start
condition during a internally-timed write cycle. Acknowledge polling will operate when the R/W code = “0”.
Acknowledgment “1” (no acknowledgment) shows the EEPROM is in a internally-timed write cycle and
acknowledgment “0” shows that the internally-timed write cycle has completed. See Write Cycle Polling using ACK.
Write Cycle Polling Using ACK
Send
write command
Send
stop condition
to initiate write cycle
Send
start condition
Send
device address word
with R/W = 0
Send
memory address
Send
start condition
Send
stop condition
Send
stop condition
Proceed random address
read operation
Proceed write operation
Next operation is
addressing the memory
Yes
Yes
No
No
ACK
returned
R10DS0007EJ0100 Rev.1.00
Page 11 of 16
Aug. 04, 2010


Similar Part No. - R1EX24256BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24256BTAS0A RENESAS-R1EX24256BTAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BTAS0A RENESAS-R1EX24256BTAS0A Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BTAS0AS0 RENESAS-R1EX24256BTAS0AS0 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BTAS0G RENESAS-R1EX24256BTAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
More results

Similar Description - R1EX24256BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I_10 Datasheet
725Kb / 26P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256AS RENESAS-HN58X24256AS Datasheet
389Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00I RENESAS-R1EX24256ASA00I Datasheet
173Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256A RENESAS-HN58X24256A Datasheet
388Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00A RENESAS-R1EX24256ASA00A Datasheet
172Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0A RENESAS-R1EX24256ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com