Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24256BSAS0A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1EX24256BSAS0A
Description  Two-wire serial interface 256k EEPROM (32-kword8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256BSAS0A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1EX24256BSAS0A Datasheet HTML 4Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 5Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 6Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 7Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 8Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 9Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 10Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 11Page - Renesas Technology Corp R1EX24256BSAS0A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
R1EX24256BSAS0A/R1EX24256BTAS0A
Device Addressing
The EEPROM device requires an 8-bit device address word following a start condition to enable the chip for a read or a
write operation. The device address word consists of 4-bit device code, 3-bit device address code and 1-bit
read/write(R/W) code. The most significant 4-bit of the device address word are used to distinguish device type and
this EEPROM uses “1010” fixed code. The device address word is followed by the 3-bit device address code in the
order of A2, A1, A0. The device address code selects one device out of all devices which are connected to the bus.
This means that the device is selected if the inputted 3-bit device address code is equal to the corresponding hard-wired
A2-A0 pin status. The eighth bit of the device address word is the read/write(R/W) bit. A write operation is initiated if
this bit is low and a read operation is initiated if this bit is high. Upon a compare of the device address word, the
EEPROM enters the read or write operation after outputting the zero as an acknowledge. The EEPROM turns to a
stand-by state if the device code is not “1010” or device address code doesn’t coincide with status of the correspond
hard-wired device address pins A0 to A2.
Device Address Word
Device address word (8-bit)
Device code (fixed)
Device address code
R/W code*
1
256k
1
0
1
0
A2
A1
A0
R/W
Note: 1. R/W=“1” is read and R/W = “0” is write.
R10DS0005EJ0100 Rev.1.00
Page 8 of 16
Aug. 04, 2010


Similar Part No. - R1EX24256BSAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0AS0 RENESAS-R1EX24256BSAS0AS0 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
More results

Similar Description - R1EX24256BSAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I_10 Datasheet
725Kb / 26P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256AS RENESAS-HN58X24256AS Datasheet
389Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00I RENESAS-R1EX24256ASA00I Datasheet
173Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0I RENESAS-R1EX24256BSAS0I Datasheet
997Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256A RENESAS-HN58X24256A Datasheet
388Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00A RENESAS-R1EX24256ASA00A Datasheet
172Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0A RENESAS-R1EX24256ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com