Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV166AFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV166AFPEL
Description  Parallel-Load 8-bit Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV166AFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV166AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV166AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74LV166A
Preliminary
R04DS0002EJ0400 Rev.4.00
Page 3 of 9
Aug 16, 2010
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
VCC: OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
785
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
2.0
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
H or L
–50
A
VCC = 2.0 V
–2
VCC = 2.3 to 2.7 V
–6
VCC = 3.0 to 3.6 V
IOH
–12
mA
VCC = 4.5 to 5.5 V
50
A
VCC = 2.0 V
2
VCC = 2.3 to 2.7 V
6
VCC = 3.0 to 3.6 V
Output current
IOL
12
mA
VCC = 4.5 to 5.5 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
t /v
0
20
ns/V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV166AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
More results

Similar Description - HD74LV166AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com