Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR10PM-12LA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR10PM-12LA
Description  Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10PM-12LA Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR10PM-12LA Datasheet HTML 1Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 2Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 3Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 4Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 5Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 6Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 7Page - Renesas Technology Corp BCR10PM-12LA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BCR10PM-12LA
Preliminary
R07DS0104EJ0300 Rev.3.00
Page 2 of 7
Sep 13, 2010
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
10
A
Commercial frequency, sine full wave
360° conduction, Tc = 85
C
Surge on-state current
ITSM
100
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
41.6
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction temperature
Tj
– 40 to +125
C
Storage temperature
Tstg
– 40 to +125
C
Mass
2.0
g
Typical value
Isolation voltage
Viso
2000
V
Ta = 25
C, AC 1 minute,
T1·T2·G terminal to case
Notes: 1. Gate open.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 125
C, V
DRM applied
On-state voltage
VTM
1.5
V
Tc = 25
C, I
TM = 15 A,
Instantaneous measurement
VFGT
1.5
V

VRGT
1.5
V
Gate trigger voltage
Note2

VRGT
1.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
30
Note5
mA

IRGT
30
Note5
mA
Gate trigger current
Note2

IRGT
30
Note5
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
3.5
C/W
Junction to case
Note3
Critical-rate of rise of off-state
commutating voltage
Note4
(dv/dt)c
10
V/
s
Tj = 125
C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5°C/W.
4. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
5. High sensitivity (IGT  20 mA) is also available. (IGT item: 1)
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
C
2. Rate of decay of on-state commutating current
(di/dt)c = – 5.0 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR10PM-12LA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10PM-12L POWEREX-BCR10PM-12L Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR10PM-12LB RENESAS-BCR10PM-12LB Datasheet
111Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD-A8 RENESAS-BCR10PM-12LD-A8 Datasheet
127Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD_15 Datasheet
103Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR10PM-12LA

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com