Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5LM-14LB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR5LM-14LB
Description  Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5LM-14LB Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR5LM-14LB Datasheet HTML 1Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 2Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 3Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 4Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 5Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 6Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 7Page - Renesas Technology Corp BCR5LM-14LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCR5LM-14LB
Preliminary
R07DS0071EJ0100 Rev.1.00
Page 6 of 7
Jul 27, 2010
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Gate Current Pulse Width (
μs)
Gate Trigger Current vs.
Gate Current Pulse Width
C1 = 0.1 to 0.47μF
R1 = 47 to 100Ω
C0 = 0.1μF
R0 = 100Ω
Gate Trigger Characteristics Test Circuits
Recommended Circuit Values Around The Triac
Test Procedure I
Test Procedure III
Test Procedure II
10
3
7
5
3
2
7
5
3
2
10
2
10
1
10
0
10
1
10
2
3
7
2
5
3
7
2
5
330
Ω
330
Ω
330
Ω
C1
C0
R0
R1
6
Ω
6
Ω
6V
6V
A
V
A
V
6
Ω
6V
A
V
Typical Example
IRGT III
IRGT I
IFGT I
Load
2
3
5
7
2
3
5
7
10
1
10
0
10
2
10
0
10
1
10
2
10
3
3
7
2
5
3
7
2
5
3
7
2
5
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
III Quadrant
I Quadrant
Minimum
Characteristics
Value


Similar Part No. - BCR5LM-14LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5LM-14LB RENESAS-BCR5LM-14LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR5LM-14LB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com