Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5LM-12LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR5LM-12LB
Description  Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5LM-12LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR5LM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR5LM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR5LM-12LB
Preliminary
R07DS0065EJ0100 Rev.1.00
Page 4 of 7
Jul 27, 2010
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Conduction Time (Cycles at 60Hz)
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
0
3
2
1
5
4
9
8
7
6
10
01234
10
6
57
8
9
103
10–1
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
23 57
23 57
23 57
23 57
10
4
10
2
10
1
10
5
10
3
01.5
1.0
0.5
2.0
2.5
3.0
0
20
40
80
60
100
120
140
160
106
102
7
5
3
2
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
–60 –40–20 0 20 40 60 80 100 120
160
140
No Fins
360° Conduction
Resistive,
inductive loads
Typical Example
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
01234
56
8
7
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
120 120 t2.3
100 100 t2.3
01234
56
8
7
0
20
40
80
60
100
120
140
160
60 60 t2.3
All fins are black
painted aluminum
and greased
Curves apply regardless
of conduction angle
Resistive, inductive loads
Natural convection


Similar Part No. - BCR5LM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR5LM-12LB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com