Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1100 Datasheet(PDF) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # MUR1100
Description  1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

MUR1100 Datasheet(HTML) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  MUR1100 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. MUR1100 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. MUR1100 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
10
20
30
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz- Cycles
Amps
Cycles
2
6
10 20
60 80
40
40
50
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes
versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25°C
40
60
100
140
TA=100 °C
TA=150 °C
MUR105 thru MUR110
Web Site: WWW.PS-PFS.COM


Similar Part No. - MUR1100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1100 MCC-MUR1100 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
New Jersey Semi-Conduct...
MUR1100 NJSEMI-MUR1100 Datasheet
48Kb / 1P
   SWITCHMODE POWER RECTIRERS
logo
Galaxy Semi-Conductor H...
MUR1100 BILIN-MUR1100 Datasheet
59Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shanghai Leiditech Elec...
MUR1100 LEIDITECH-MUR1100 Datasheet
115Kb / 3P
   High Surge Capability Low Forward Voltage Drop
logo
Shanghai Lunsure Electr...
MUR1100 CHENYI-MUR1100 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
More results

Similar Description - MUR1100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR105 MCC-MUR105_13 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_11 Datasheet
338Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Jin Yu Semicon...
ES1A HTSEMI-ES1A Datasheet
436Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
ES1AE MCC-ES1AE Datasheet
143Kb / 4P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR405-DO27 YFWDIODE-MUR405-DO27 Datasheet
294Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts    
MUR405 YFWDIODE-MUR405 Datasheet
70Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com