Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8402B Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT8402B
Description  MP3 Audio Decoder IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8402B Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT8402B Datasheet HTML 1Page - Princeton Technology Corp PT8402B Datasheet HTML 2Page - Princeton Technology Corp PT8402B Datasheet HTML 3Page - Princeton Technology Corp PT8402B Datasheet HTML 4Page - Princeton Technology Corp PT8402B Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8402B V1.0
- 3 -
June, 2005
MP3 Audio Decoder IC
PT8402B
LPF1L_IN
DACL
OUTR
AVDD0
AVDD12
AUXR
VCC
GND
VCC
GPIO11
GPIO10
GPIO8
PD_ENA
DACIN_L
LPF2R_OUT
LPF2R_IN
78 77 76 75 74 73 72 71 70 69 68 67 66
64
1
2
3
4
5
LPF2L_OUT
AUXL
AVDD12
6
7
8
9
OUTL
GND
10
11
12
22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
79
80
GPIO13
13
14
15
16
17
18
63 62
40
41
42
43
44
45
46
21
20
19
VCC
GND
GPIO0
GPIO14
GPIO12
GND
VCC
DACin_R
P
P
P
P
P
I/O
I/O
GPIO9
P
P
I/O
LPF1L_OUT
LPF2L_IN
GPIO15
AVSS0
AVSS12
VREF2
LPF1R_OUT
PD_ACK
I/O
I/O
I/O
I
I PP III I/O
O
O O O
I
P
P
P
I
O
I
O
O
O
I
I
PP
I
P
I
P
O
I/O
P
P
I/O
I/O
I/O
I/O
I/O
I/O
I/O
P
I/O
O
P
I
O
I
O
P
P
O
I
I
O
39
P
P
O
PD_REQ
P
I/O
65
IO I
PPP
PT8402B-80
Figure 2. 80 Pin Assignment (P: Power pins, I/O: IO pins)


Similar Part No. - PT8402B

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8402B-80LQ PTC-PT8402B-80LQ Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8402B-LQ PTC-PT8402B-LQ Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8402B-TQ PTC-PT8402B-TQ Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
More results

Similar Description - PT8402B

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
   MP3 Audio Decoder
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
   MP3 AUDIO DECODER
logo
Princeton Technology Co...
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
logo
VLSI Solution Oy
VS1011 VLSI-VS1011 Datasheet
600Kb / 49P
   VS1011e - MP3 AUDIO DECODER
Version: 1.23, 2017-09-08
logo
Princeton Technology Co...
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
logo
ATMEL Corporation
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com