Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8300 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT8300
Description  16-Bit I/O Expander IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT8300_10 Datasheet HTML 2Page - Princeton Technology Corp PT8300_10 Datasheet HTML 3Page - Princeton Technology Corp PT8300_10 Datasheet HTML 4Page - Princeton Technology Corp PT8300_10 Datasheet HTML 5Page - Princeton Technology Corp PT8300_10 Datasheet HTML 6Page - Princeton Technology Corp PT8300_10 Datasheet HTML 7Page - Princeton Technology Corp PT8300_10 Datasheet HTML 8Page - Princeton Technology Corp PT8300_10 Datasheet HTML 9Page - Princeton Technology Corp PT8300_10 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 6 -
February, 2006
16-Bit I/O Expander IC
PT8300
TIMING REQUIRMENTS
(Unless otherwise stated, VCC=5V)
Limits
Ta=25℃, Ta=-40 ~ +85℃
Parameter
Symbol
Min.
Typ. Max. Min. Typ.
Max.
Unit
CLK, LATCH, /RESET pulse width
tw
100
-
-
150
-
-
ns
DI1/DI2 setup time for CLK
50
-
-
100
-
-
ns
Latch setup time for LK
tSU
50
-
-
100
-
-
ns
DI1/DI2 hold time for CLK
50
-
-
100
-
-
ns
LATCH hold time for CLK
tH
50
-
-
100
-
-
ns
LATCH recovery time
tREC
50
-
-
100
-
-
ns
TIMING DIRGRAM
50%
50 %
50%
50 %
50%
50 %
50 %
50 %
50%
50%
tw
tw
tw
tw
tw
CLK
/RESET
/RESET
CLK
CLK
LATCH
LATCH
LATCH
DI1 to DI2
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
50%
50 %
50%
50%
50 %
50%
50%
tSU
tH
tH
tSU
tREC


Similar Part No. - PT8300_10

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
PT8300BT CTMICRO-PT8300BT Datasheet
836Kb / 9P
   3mm Lamp Type Photo Transistor
More results

Similar Description - PT8300_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com