Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6964 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6964
Description  LED Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6964 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6964_10 Datasheet HTML 2Page - Princeton Technology Corp PT6964_10 Datasheet HTML 3Page - Princeton Technology Corp PT6964_10 Datasheet HTML 4Page - Princeton Technology Corp PT6964_10 Datasheet HTML 5Page - Princeton Technology Corp PT6964_10 Datasheet HTML 6Page - Princeton Technology Corp PT6964_10 Datasheet HTML 7Page - Princeton Technology Corp PT6964_10 Datasheet HTML 8Page - Princeton Technology Corp PT6964_10 Datasheet HTML 9Page - Princeton Technology Corp PT6964_10 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PT6964
V1.4
6
October 2009
PT6964 KEY MATRIX & KEY INPUT DATA STORAGE RAM
PT6964 Key Matrix consists of 10 x 2 array as shown below:
Each data entered by each key is stored as follows and read by a READ Command, starting from the last significant bit.
When the most significant bit of the data (b7) has been read, the least significant bit of the next data (b0) is read.
K1……………………...K2 K1………………………K2
Reading
Sequence
SG1/KS1
SG2/KS2
x
SG3/KS3
SG4/KS4
x
SG5/KS5
SG6/KS6
x
SG7/KS7
SG8/KS8
x
SG9/KS9
SG10/KS10
x
b0………………………b1
b3………………………..b4
b6………………………b7
Note: b6 and b7 do not care.
COMMANDS 3: ADDRESS SETTING COMMANDS
Address Setting Commands are used to set the address of the display memory. The address is considered valid if it has
a value of 00H to 0DH. If the address is set to 0EH or higher, the data is ignored until a valid address is set. When power
is turned ON, the address is set at 00H.
Please refer to the diagram below.
MSB
LSB
1
1
-
-
b3
b2
b1
b0
Not relevant
Address: 00H to 0DH
DISPLAY MODE AND RAM ADDRESS
Data transmitted from an external device to PT6964 via the serial interface are stored in the Display RAM and are
assigned addresses. The RAM addresses of PT6964 are given below in 8 bits unit.
SG1
SG4 SG5
SG8 SG9
SG10
X
SG12 SG13
SG14
00HL
00HU
01HL
-
01HU
DIG1
02HL
02HU
03HL
-
03HU
DIG2
04HL
04HU
05HL
-
05HU
DIG3
06HL
06HU
07HL
-
07HU
DIG4
08HL
08HU
09HL
-
09HU
DIG5
0AHL
0AHU
0BHL
-
0BHU
DIG6
0CHL
0CHU
0DHL
-
0DHU
DIG7
b0
b3
b4
b7
xxHL
xxHU
Lower 4 bits
Higher 4 bits
Note: X = Not relevant


Similar Part No. - PT6964_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964-S PTC-PT6964-S Datasheet
317Kb / 5P
   LED Driver IC
PT6964-SL PTC-PT6964-SL Datasheet
317Kb / 5P
   LED Driver IC
More results

Similar Description - PT6964_10

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com