Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6553-Q Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6553-Q
Description  LCD Driver IC with Key Input Function
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6553-Q Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6553-Q Datasheet HTML 7Page - Princeton Technology Corp PT6553-Q Datasheet HTML 8Page - Princeton Technology Corp PT6553-Q Datasheet HTML 9Page - Princeton Technology Corp PT6553-Q Datasheet HTML 10Page - Princeton Technology Corp PT6553-Q Datasheet HTML 11Page - Princeton Technology Corp PT6553-Q Datasheet HTML 12Page - Princeton Technology Corp PT6553-Q Datasheet HTML 13Page - Princeton Technology Corp PT6553-Q Datasheet HTML 14Page - Princeton Technology Corp PT6553-Q Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6553 V1.7
- 11 -
November, 2007
LCD Driver IC with Key Input Function
PT6553
SEGMENT ON/OFF CONTROL DATA BITS: SC
SC is used to control the ON/OFF state of segments.
SC
Display State
0
On
1
Off
When SC is set to "0", the segment display state is "ON". When SC is set to "1", the segment display is
"OFF". This "OFF" state is achieved by outputting segment "OFF" waveforms from the segment output
pins.
1/2 BIAS OR 1/3 BIAS DRIVE SELECTION DATA BIT: DR
DR is the control data bit used to select either an LCD 1/2 or 1/3 bias drive. When DR is set to "0", the
1/3 LCD Bias Drive is selected. On the other hand, if DR is set to "1", the 1/2 LCD Bias Drive is
selected.
DR
LCD Bias Drive
0
1/3
1
1/2


Similar Part No. - PT6553-Q

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6553-LQ PTC-PT6553-LQ Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
More results

Similar Description - PT6553-Q

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com