Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6355 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6355
Description  VFD Driver/Controller IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6355 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6355_10 Datasheet HTML 1Page - Princeton Technology Corp PT6355_10 Datasheet HTML 2Page - Princeton Technology Corp PT6355_10 Datasheet HTML 3Page - Princeton Technology Corp PT6355_10 Datasheet HTML 4Page - Princeton Technology Corp PT6355_10 Datasheet HTML 5Page - Princeton Technology Corp PT6355_10 Datasheet HTML 6Page - Princeton Technology Corp PT6355_10 Datasheet HTML 7Page - Princeton Technology Corp PT6355_10 Datasheet HTML 8Page - Princeton Technology Corp PT6355_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PT6355
V1.6
4
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
VCC
-
Power supply
1, 44
OSC2
O
Oscillation output pin
2
VSS
-
Power supply
3
OSC1
I
Oscillation input pin
4
/Reset
I
Reset input pin
Active ”L”
Internal pull-high resistors are connected between
this pin and the VCC pins.
5
AN5 to AN0
I
Analog to digital pin
6 to 11
/CS
I
Chip select
12
SIN
I
Serial input pin
The clock is read twice with a 2MHz sampling rate
in order to judge if the signal is a noise or not.
13
SOUT
O
n-channel open drain
Serial output pin
During the Reset condition, this pin is in
high-impedance state.
14
SCLK
I
Serial clock input pin
The clock is read twice with a 2MHz sampling rate
in order to judge if the signal is a noise or not.
15
VEE
-
Pull-down power supply
Supplies voltage to Pull-down resistors
16, 17
GR0/P0 to GR7/P7
O
p-channel open drain
Grid/Port output pins
This pin acts as either a Grid Output Pin or as an
Ordinary Port Terminal.
During the reset condition, this pin is set to VEE
via a pull-down resistor.
18 to 25
GR8/SEG17 to GR17/SEG8
O
p-channel open drain
Grid/Segment output pins
This pin acts as either a Grid Output Pin or as an
Segment Output Pin.
During the reset condition, this pin is set to VEE
via a pull-down resistor.
26 to 35
SEG0 to SEG7
O
p-channel open drain
Segment output pin
During the reset condition, this pin is set to VEE
via a pull-down resistor.
43 to 36


Similar Part No. - PT6355_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
More results

Similar Description - PT6355_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
   VFD Driver/Controller IC
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
PT6315 PTC-PT6315_10 Datasheet
531Kb / 17P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com