Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6306-H Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6306-H
Description  64-Bit High Voltage Display Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6306-H Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6306-H Datasheet HTML 2Page - Princeton Technology Corp PT6306-H Datasheet HTML 3Page - Princeton Technology Corp PT6306-H Datasheet HTML 4Page - Princeton Technology Corp PT6306-H Datasheet HTML 5Page - Princeton Technology Corp PT6306-H Datasheet HTML 6Page - Princeton Technology Corp PT6306-H Datasheet HTML 7Page - Princeton Technology Corp PT6306-H Datasheet HTML 8Page - Princeton Technology Corp PT6306-H Datasheet HTML 9Page - Princeton Technology Corp PT6306-H Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PT6306
V2.1
6
January 2010
Pin Name
I/O
Description
Pin No.
VDD2
-
Power Supply: 10 to 70V
1, 26, 38, 63
VSS2
-
Ground
2, 27, 37, 62
HVO1 to HVO23
O
High Voltage Output Pins
39 to 61
HVO24 to HVO41
64 to 81
HVO42 to HVO64
3 to 25
LDIO
I/O
Left Data I/O Pin
28
RDIO
I/O
Right Data I/O Pin
29
CLKB
I
Clock Input Pin
30
VSS1
-
Ground
31
DIR
Shift Directional Control Input Pin
When this pin is set to “H” the Right Shift Mode is active:
RDIO HVO1…..HVO64 LDIO
When this pin is set to “L” the Left Shift Mode is active:
LDIO HVO64…..HVO1 RDIO
32
VDD1
-
Power Supply: 5V +10%
33
LATB
I
Latch Strobe Input Pin
34
PCB
I
Reversed Polarity Pin
35
BK
I
Blank Input Pin
36
Notes:
1. Use all the Power Supply Pins: VDD1, VDD2, VSS1, VSS2 (Make sure that VSS1 and VSS2 Pins have the same voltage level.)
2. Power must be supplied to VDD1, Logic Input and VDD2 so that the device may be protected from any harm caused by latch up. Power must be
turned off in a reversed manner. Power ON. OFF sequences must be observed at all times, even during the transition period.


Similar Part No. - PT6306-H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6306 TI-PT6306 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
PT6306 TI1-PT6306 Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
PT6306A TI1-PT6306A Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
PT6306B TI1-PT6306B Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
PT6306C TI1-PT6306C Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
More results

Similar Description - PT6306-H

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16306A NEC-UPD16306A Datasheet
524Kb / 15P
   64-BIT HIGH-VOLTAGE CMOS DRIVER
logo
SHENZHEN FUMAN ELECTRON...
74HC595A FUMAN-74HC595A Datasheet
227Kb / 5P
   Display driver IC
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
   High-Voltage Display Driver
logo
National Semiconductor ...
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
   High Voltage Display Driver
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
[Old version datasheet]   High Voltage Display Driver
logo
National Semiconductor ...
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
   High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
   High Voltage Display Driver
logo
IK Semicon Co., Ltd
IK2102 IKSEMICON-IK2102 Datasheet
2Mb / 23P
   LED Display Driver IC
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com