Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2462 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2462
Description  Remote Control Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2462 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2462_10 Datasheet HTML 1Page - Princeton Technology Corp PT2462_10 Datasheet HTML 2Page - Princeton Technology Corp PT2462_10 Datasheet HTML 3Page - Princeton Technology Corp PT2462_10 Datasheet HTML 4Page - Princeton Technology Corp PT2462_10 Datasheet HTML 5Page - Princeton Technology Corp PT2462_10 Datasheet HTML 6Page - Princeton Technology Corp PT2462_10 Datasheet HTML 7Page - Princeton Technology Corp PT2462_10 Datasheet HTML 8Page - Princeton Technology Corp PT2462_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PT2462
Remote Control Transmitter
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT2462 is remote control transmitter utilizing CMOS
Technology
specially
designed
for
infrared
applications. It is compatible with LC7462M and is
capable of controlling 32 function keys and 3 double
keys. PT2462 is available in 20 pins, SOP or DIP
Package and provides 8 bits of Custom Code.
APPLICATIONS
• Multi-media DVD player
• Moniputer
• Audio equipment
• Televisions (TVs)
• Video cassette recorders (VCRs)
• Audio cassette decks
• Air conditioners
FEATURES
• CMOS technology
• Low power consumption
• Least external components
• 32 ⊕ 3 function keys
• Wide range of operating voltage: VDD=1.8 ~ 5.5V
• Double key operation (No order of priority given)
• On-chip oscillator can be constructed using an
externally connected ceramic resonator
• Using SEL pin, PT2462 provides 2 custom code
options.
BLOCK DIAGRAM


Similar Part No. - PT2462_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2462-167 PTC-PT2462-167 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
More results

Similar Description - PT2462_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com