Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2462 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2462
Description  Remote Control Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2462 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2462_10 Datasheet HTML 4Page - Princeton Technology Corp PT2462_10 Datasheet HTML 5Page - Princeton Technology Corp PT2462_10 Datasheet HTML 6Page - Princeton Technology Corp PT2462_10 Datasheet HTML 7Page - Princeton Technology Corp PT2462_10 Datasheet HTML 8Page - Princeton Technology Corp PT2462_10 Datasheet HTML 9Page - Princeton Technology Corp PT2462_10 Datasheet HTML 10Page - Princeton Technology Corp PT2462_10 Datasheet HTML 11Page - Princeton Technology Corp PT2462_10 Datasheet HTML 12Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PT2462
V1.6
8 of 13
KEY DATA
The key data has 7 bits (D0 ~ D7) and has the following key data codes.
Key No.
D0
D1
D2
D3
D4
D5
D6
D7
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
2
0
1
0
0
0
0
0
0
3
1
1
0
0
0
0
0
0
4
0
0
1
0
0
0
0
0
5
1
0
1
0
0
0
0
0
6
0
1
1
0
0
0
0
0
7
1
1
1
0
0
0
0
0
8
0
0
0
1
0
0
0
0
9
1
0
0
1
0
0
0
0
10
0
1
0
1
0
0
0
0
11
1
1
0
1
0
0
0
0
12
0
0
1
1
0
0
0
0
13
1
0
1
1
0
0
0
0
14
0
1
1
1
0
0
0
0
15
1
1
1
1
0
0
0
0
16
0
0
0
0
1
0
0
0
17
1
0
0
0
1
0
0
0
18
0
1
0
0
1
0
0
0
19
1
1
0
0
1
0
0
0
20
0
0
1
0
1
0
0
0
21
1
0
1
0
1
0
0
0
22
0
1
1
0
1
0
0
0
23
1
1
1
0
1
0
0
0
24
0
0
0
1
1
0
0
0
25
1
0
0
1
1
0
0
0
26
0
1
0
1
1
0
0
0
27
1
1
0
1
1
0
0
0
28
0
0
1
1
1
0
0
0
29
1
0
1
1
1
0
0
0
30
0
1
1
1
1
0
0
0
31
1
1
1
1
1
0
0
0
* D6 and D7 may be preset to “0”, “1”.


Similar Part No. - PT2462_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2462-167 PTC-PT2462-167 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
More results

Similar Description - PT2462_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com