Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2389 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2389
Description  5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2389 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2389_10 Datasheet HTML 1Page - Princeton Technology Corp PT2389_10 Datasheet HTML 2Page - Princeton Technology Corp PT2389_10 Datasheet HTML 3Page - Princeton Technology Corp PT2389_10 Datasheet HTML 4Page - Princeton Technology Corp PT2389_10 Datasheet HTML 5Page - Princeton Technology Corp PT2389_10 Datasheet HTML 6Page - Princeton Technology Corp PT2389_10 Datasheet HTML 7Page - Princeton Technology Corp PT2389_10 Datasheet HTML 8Page - Princeton Technology Corp PT2389_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2389 V1.5
- 1 -
July, 2006
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389
DESCRIPTION
PT2389 is a 2-channel digital preset equalizer utilizing CMOS Technology. It provides 5 different sound
selections, namely: Flat/Normal, Rock, Pops, Classic and Jazz. Bass Booster and 3D Effects may be
added to any of 5 sound selections, thereby creating more audio versatility. PT2389 provides two types
of key selection mode, namely: the Direct and the Cyclic. Pin assignment and application circuit are
optimized for cost saving advantages and easy PCB layout.
FEATURES
CMOS technology
Low total harmonic distortion and high S/N Ratio: THD + N < 0.01%, S/N > 95dB
LED display output mode
Least external components
5 sound selections provided: Flat/Normal, Classic, Rock, Pops, and Jazz
Bass booster function & 3D effect provided
2-channel output
Wide operating voltage range: 5 ~ 9V
Direct or cyclic key selection is provided
Available in 24 Pins, DIP, SOP, SSOP
APPLICATIONS
Walkman
Car audio
Mini compo
Multimedia audio components
MPEG card


Similar Part No. - PT2389_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2389-S PTC-PT2389-S Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389-SN PTC-PT2389-SN Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
More results

Similar Description - PT2389_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
   5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
   5-Mode Preset Equalizer IC
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
logo
Sony Corporation
CXA2513M SONY-CXA2513M Datasheet
219Kb / 20P
   3-Band Preset Graphic Equalizer IC (with standby and memory on last preset mode)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com