Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2388-S Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2388-S
Description  5-Mode Preset Equalizer IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2388-S Datasheet(HTML) 7 Page - Princeton Technology Corp

  PT2388-S Datasheet HTML 1Page - Princeton Technology Corp PT2388-S Datasheet HTML 2Page - Princeton Technology Corp PT2388-S Datasheet HTML 3Page - Princeton Technology Corp PT2388-S Datasheet HTML 4Page - Princeton Technology Corp PT2388-S Datasheet HTML 5Page - Princeton Technology Corp PT2388-S Datasheet HTML 6Page - Princeton Technology Corp PT2388-S Datasheet HTML 7Page - Princeton Technology Corp PT2388-S Datasheet HTML 8Page - Princeton Technology Corp PT2388-S Datasheet HTML 9Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2388 V1.6
- 7 -
March, 2007
5-Mode Preset Equalizer IC
PT2388
Dimensions
Symbols
Min.
Nom.
Max.
A
0.210
A1
0.015
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
b1
0.014
0.018
0.020
b2
0.045
0.060
0.070
b3
0.030
0.039
0.045
c
0.008
0.010
0.014
c1
0.008
0.010
0.011
D
1.160
1.185
1.195
D1
0.005
E
0.300
0.310
0.325
E1
0.240
0.250
0.280
e
0.100 bsc.
eA
0.300 bsc.
eB
0.430
eC
0.000
0.060
L
0.115
0.130
0.150
Notes:
1. All dimensions are in INCHES.
2. Dimensioning and tolerancing per ANSI Y 14.5-1982.
3. Dimension “A”, “A1” and “L” are measured with the package seated in JEDEC Seating Plane
Gauge GS-3.
4. “D”, “D1” and “E1” dimensions do not include mold flash or protrusions. Mold flash or protrusions
shall not exceed 0.010 inch.
5. “E” and “eA” measured with the leads constrained to be perpendicular to datum -c- .
6. “eB” and “eC” are measured at the lead tips with the leads unconstrained.
7. N is the number of terminal positions. (N=24)
8. Pointed or rounded lead tips are preferred to ease insertion.
9. “b2” and “b3” maximum dimensions are not include dambar protrusions. Dambar protrusions shall
not exceed 0.010 inch (0.25mm)
10. Distance between leads including Dambar protrusions to be 0.005 inch. minimum.
11. Datum plane -H- coincident with the bottom of lead, where lead exits body.
12. Refer to JEDEC MS-001, Variation BE.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.


Similar Part No. - PT2388-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2388-S PTC-PT2388-S Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
More results

Similar Description - PT2388-S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
   5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
logo
Princeton Technology Co...
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
   Five preset mode equalizer circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com