Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2388 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2388
Description  5-Mode Preset Equalizer IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2388 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2388_10 Datasheet HTML 1Page - Princeton Technology Corp PT2388_10 Datasheet HTML 2Page - Princeton Technology Corp PT2388_10 Datasheet HTML 3Page - Princeton Technology Corp PT2388_10 Datasheet HTML 4Page - Princeton Technology Corp PT2388_10 Datasheet HTML 5Page - Princeton Technology Corp PT2388_10 Datasheet HTML 6Page - Princeton Technology Corp PT2388_10 Datasheet HTML 7Page - Princeton Technology Corp PT2388_10 Datasheet HTML 8Page - Princeton Technology Corp PT2388_10 Datasheet HTML 9Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2388 V1.6
- 3 -
March, 2007
5-Mode Preset Equalizer IC
PT2388
APPLICATION CIRCUIT
DIRECT KEY MODE
IN_L
0.068
µ
10K
OUT_L
5.6K
1500p
1500p
100
µ
47
µ
BB
LED
Flat
Rock
Pops
Classic
10K
OUT_R
5.6K
1500p
1500p
0.068
µ
IN_R
VCC
Jazz
4.7K
Vcc
INL
BL1
BL2
TL
OUTL
VCC
Bias
GND
SEL
Mute
Cyc
BB
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INR
BR1
BR2
TR
OUTR
Jazz
Classic
Pops
Rock
Flat
BLED
NC
PT2388
Note:
Please use 1500pF, 0.068µF Mylar Capacitors.


Similar Part No. - PT2388_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2388-S PTC-PT2388-S Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
More results

Similar Description - PT2388_10

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
   5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
logo
Princeton Technology Co...
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
   Five preset mode equalizer circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com