Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2386 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2386
Description  3D Effect IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2386 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2386_10 Datasheet HTML 7Page - Princeton Technology Corp PT2386_10 Datasheet HTML 8Page - Princeton Technology Corp PT2386_10 Datasheet HTML 9Page - Princeton Technology Corp PT2386_10 Datasheet HTML 10Page - Princeton Technology Corp PT2386_10 Datasheet HTML 11Page - Princeton Technology Corp PT2386_10 Datasheet HTML 12Page - Princeton Technology Corp PT2386_10 Datasheet HTML 13Page - Princeton Technology Corp PT2386_10 Datasheet HTML 14Page - Princeton Technology Corp PT2386_10 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2386 V1.1
- 11 -
February, 2006
3D Effect IC
PT2386
DIRECT MODE WITH 3D EFFECT & BASS BOOSTER FUNCTION
LIN
RIN
BL1
BL2
BR 2
BR 1
REF
GN D
LOU T
ROUT
P1
P2
P3
P4
DB S
3D
VC C
D /C
1
3
2
4
5
6
7
8
9
18
16
17
15
14
13
12
11
10
PT 23 86
+100 F
µ
0.047 F
µ
0.047 F
µ
R5
15K
VD D
0.012 F
µ
0.01 F
µ
LIN
RIN
R1 100K
R2 100K
10 F
µ
C1
C2
10 F
µ
R3 100K
R4 100K
10 F
µ
C3
10 F
µ
C4
LOUT
ROUT
C7
C8
C9
C10
R6
15K
C5
R7
15K
+
100 F
µ
C6
+
C12
0.1 F
µ
VD D
C11
0.1 F
µ
3D ON
3D OFF


Similar Part No. - PT2386_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2386-S PTC-PT2386-S Datasheet
57Kb / 4P
   3D Effect IC
More results

Similar Description - PT2386_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2386 PTC-PT2386 Datasheet
57Kb / 4P
   3D Effect IC
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
   3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
A1266 ALLEGRO-A1266 Datasheet
577Kb / 15P
   Micropower Ultrasensitive 3D Hall-Effect Switch
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
uPI Group Inc.
UE4001 UPI-UE4001 Datasheet
181Kb / 8P
   2D/3D Infrared Object Tracking IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com