Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRD50PLX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRD50PLX
Description  CMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD50PLX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRD50PLX Datasheet HTML 1Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 2Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 3Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 4Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 5Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 6Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
AnaSem Inc.
1
Rev. C09-08
产品规格书
AnaSem
安纳森半导体
.......... Future of the analog world
高速度
, 低压差, ±1% 高输出精度,配ON/OFF功能CMOS双路稳压器
VRD 系列
概述
VRD系列乃高速度,低压差,高输出电压精度双路稳压器,以低压差来达成
高输出精度的规格。因双路稳压器的管道都是在
IC内个别分开的,串音就能大
大减少。
VRD系列的电压输出能在指定的温度范围内保证±1%的精度,而集
成电路内以温度系数调整的高准确率参考电压值来做基准。
VRD系列以低ES
R电容来作输出的稳定作用。而已冲好的ESR电容能由VRD系列在CE=VSS
情况下由内置的开关来放电,能助
VOUT迅速回复到VSS水平。另外,VRD系
列也备有电流过高的保护电路,能防止电流通量超越输出三极管的限制电流容
量。
特点
输出电压范围
·······································································
工作电压范围
··································································
高精度电压输出
···························································
高电流输出
··································································
输入输出压差
················································································
低电流功耗
··································································
高嘈音抑制比
·························································································
ESR电容 ·························································································
工作温度范围
··································································
内置高电流限制保护
································································
CL 高速自动放电
内置
ON/OFF开关电路
小型封装
·························································································
应用范围
电池驱动之产品
手机
数码相机或摄像机
无卤素
RoHS
符合标准
手提式电玩产品
手提式电子产品仪器
0.8V~5.0V (能以每0.05V间隔设定输出电压)
1.6V~6.0V
±1% (Vout=1.95V ~ 5.0V) / ±20mV (Vout=0.8V ~ 1.9V)
250mA(个别单道LDO)
Typ.90mV (output=3.0V, IOUT=100mA)
Typ. 25µA / 每道LDO
Typ. 75dB at 1KHz
1.0 µF 陶瓷式电容
–40°C ~ +85°C
电流限制
: 300mA
SOT-26 (400mW), SON-6 (600mW) , LLP-6 (1000mW)


Similar Part No. - VRD50PLX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VRD311 MICROCHIP-VRD311 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
VRD312 MICROCHIP-VRD312 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
VRD330K470MUF VISHAY-VRD330K470MUF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
More results

Similar Description - VRD50PLX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com