Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2270-M4S Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2270-M4S
Description  Remote Control Decoder IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2270-M4S Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2270-M4S Datasheet HTML 4Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 5Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 6Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 7Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 8Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 9Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 10Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 11Page - Princeton Technology Corp PT2270-M4S Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2270 V1.3
- 8 -
May, 2006
Remote Control Decoder IC
PT2270
VALID TRANSMISSION
When PT2270 receives a transmission code word, it initially checks whether this is a valid transmission.
For a transmission to be valid, (1) it must be a Complete Code Word, and (2) the Address Bits must
match the Address Setting at the Address Pins. After two consecutive valid transmissions, PT2270 (1)
drives the data pins according to the data bits received, and (2) raises VT to high voltage (high state).
The timings are shown in the following diagram.
1st Word
2nd Word
Sync Bit
Sync Bit
DIN
Data Pins
(Momentary)
VT
2tc
Note: tc=Width of 1 Code Word
LATCH OR MOMENTARY DATA OUTPUT TYPE
PT2270 uses either the latch or the momentary data output type depending on the PT2270 version
used. The latch type (PT2270-Lx) activates the data out during transmission and this data is sustained
in the memory until another data is inputted or entered. A momentary type (PT2270-Mx), on the other
hand, activates the data out only during transmission. In the momentary type, the data does not remain
in the memory after the transmission is completed. Please refer to the diagram below.
Data Words (X)
Data Words (Y)
2tc
2tc
2tc
2tc
Data Output X
Data Output Y
Data Output X
Data Output Y
DIN
VT
DATA PINS
(Momentary)
DATA PINS
(Latch)
Note: tc=Width of 1 Code Word


Similar Part No. - PT2270-M4S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270-M4 PTC-PT2270-M4 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270-M4-S PTC-PT2270-M4-S Datasheet
284Kb / 4P
   Remote Control Decoder
More results

Similar Description - PT2270-M4S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com