Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2305-HT Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2305-HT
Description  2.5W 횞 2 Class AB Audio Power Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2305-HT Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2305-HT Datasheet HTML 3Page - Princeton Technology Corp PT2305-HT Datasheet HTML 4Page - Princeton Technology Corp PT2305-HT Datasheet HTML 5Page - Princeton Technology Corp PT2305-HT Datasheet HTML 6Page - Princeton Technology Corp PT2305-HT Datasheet HTML 7Page - Princeton Technology Corp PT2305-HT Datasheet HTML 8Page - Princeton Technology Corp PT2305-HT Datasheet HTML 9Page - Princeton Technology Corp PT2305-HT Datasheet HTML 10Page - Princeton Technology Corp PT2305-HT Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2305 V1.1
- 7 -
May, 2005
2.5W × 2 Class AB Audio Power Amplifier
PT2305
HEAT DISSIPATION
During normal operation, the chip only consumes very little stand-by current. In high output power
conditions, the package temperature will rise. For proper operating temperature, a modest heat sink
mounted on the top side of the chip is required. The thermal resistance requirement of the heat sink
demand may be obtained by the formula below:
θJA =
(TJ(max) – TA) ÷ PDISS
PDISS = IC dissipation power
TJ (max) = Maximum chip conjunction temperature
TA = external environment temperature
θJA = thermal resistance from chip conjunction to ambience environment
With 60% estimated efficiency (eff), PT2305 in 2W + 2W output power dissipation is probably
PDISS = ( Po
÷ eff ) - Po = 2.6W
The maximum chip conjunction temperature is 150
°C. Exceeding this temperature will damage the
chip, assuming the outside environment air temperature is 50
°C. From the chip conjunction dissipation
to external environment thermal resistance
θJA should be:
θJA = ( 150 – 50 ) ÷ 2.6 = 38.4℃/W
The PT2305 chip conjunction to case thermal resistance
θJC is 26℃ /W. Therefore the heat sink
thermal resistance should be:
θJA –θJC = 12.4℃/W
In normal operating, no need extra heat sink, only utilize the ground (copper foil) of PCB to heat
dissipation.


Similar Part No. - PT2305-HT

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305-D PTC-PT2305-D Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305-DL PTC-PT2305-DL Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305-S PTC-PT2305-S Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305-SL PTC-PT2305-SL Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
More results

Similar Description - PT2305-HT

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
   1W Class AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com