Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2262-D Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2262-D
Description  Remote Control Encoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2262-D Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2262-D Datasheet HTML 1Page - Princeton Technology Corp PT2262-D Datasheet HTML 2Page - Princeton Technology Corp PT2262-D Datasheet HTML 3Page - Princeton Technology Corp PT2262-D Datasheet HTML 4Page - Princeton Technology Corp PT2262-D Datasheet HTML 5Page - Princeton Technology Corp PT2262-D Datasheet HTML 6Page - Princeton Technology Corp PT2262-D Datasheet HTML 7Page - Princeton Technology Corp PT2262-D Datasheet HTML 8Page - Princeton Technology Corp PT2262-D Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2262 V3.8
- 5 -
September, 2008
Remote Control Encoder
PT2262
Synchronous (Sync.) Bit Waveform
The Synchronous Bit Waveform is 4 bits long with 1/8 bit width pulse. Please refer to the diagram
below:
1/8 bit width = 4
α
4 bits width = 128
α
Note: 1 bit = 32
α
CODE WORD
A group of Code Bits is called a Code Word. A Code Word consists of 12 AD bits followed by one Sync
Bit. The 12 AD bits are determined by the corresponding states of A0 ~ A5 and A6/D5 ~ A11/D0 pins at
the time of transmission. When Data Type of PT2262 is used, the address bits will decrease
accordingly.
For example: In the 3 Data Type where the address has nine (9) bits, the transmitting format is:
9 Address Bits
3 Data Bits
Sync. bit
PT2262 / PT2272 has a maximum of twelve (12) Address Bits including the six (6) Address/Data bits.
The following diagram shows the code bits with their corresponding pins.
A0
A1
A2
A3
A4
A5
A6/D5
A7/D4
A8/D3
A9/D2
A10/D1 A11/A0
SYNC. BIT
One Complete Code Word
0 Data: A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 Sync Bit
1 Data: A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 D0
Sync Bit
2 Data A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 D1
D0
Sync.Bit
3 Data A0 A1 A2 A3 A4 A5 A6 A7 A8 D2 D1
D0
Sync.Bit
4 Data A0 A1 A2 A3 A4 A5 A6 A7 D3 D2 D1
D0
Sync.Bit
5 Data A0 A1 A2 A3 A4 A5 A6 D4 D3 D2 D1
D0
Sync.Bit
6 Data A0 A1 A2 A3 A4 A5 D5 D4 D3 D2 D1
D0
Sync.Bit
The Code Bits A0 ~ A5 and A6/D5 ~ A11/D0 are determined by the states of A0 ~ A5 and A6/D5 ~
A11/D0 pins. For example, when the A0 (Pin No. 1) is set to “1” (Vcc), the Code Bit A0 is synthesized
as “1” bit. In the same manner, when it (A0 Pin) is set to “0” (Vss) or left floating, the Code Bit A0 is
synthesized as a “0” or “f” bit respectively.


Similar Part No. - PT2262-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2262-IR-P PTC-PT2262-IR-P Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-IR-S PTC-PT2262-IR-S Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-IR-S18 PTC-PT2262-IR-S18 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-RF-P PTC-PT2262-RF-P Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-RF-S PTC-PT2262-RF-S Datasheet
355Kb / 7P
   Remote Control Encoder
More results

Similar Description - PT2262-D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com