Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDA3010NNA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VDA3010NNA
Description  CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDA3010NNA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VDA3010NNA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 10Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 11Page - List of Unclassifed Manufacturers VDA3010NNA Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AnaSem Inc.
7
Rev. C09-09
VDA 系列
低电压,低功耗,
±1% 高精度电压检测 CMOS 电压检测器
.......... Future of the analog world
工作原理解说
一般运作 (CMOS式输出)
请产考以下
CMOS式输出的VDA系列电路图 ;
A. 当输入电压
(VIN)高于释放电压(VREL), 输入电压(VIN)会由输出端提供,因此时电路内的N-沟道 三极管
OFF的状态而P-沟道三极管会成ON的状态。此外, 如输入电压保持在高于设定的检测电压(VDET)时
输出电压会保持与输入电压
(VIN)相等。
B. 当 输入 电压
(VIN) 下降 至低 于设 定的检 测电 压
(VDET), 电路内的N-沟道三极管为ON状态,而 P-
沟道三极管会成为
OFF。此外,此情况下电压输
(VOUT)与地电压(VSS)相等。
C. 当输入电压
(VIN)下降至低于最低工作电压, 电压输
(VOUT)会成不稳定状况, 或当电压输出被拉至输
入电压时电压输出
(VOUT)水平会达至输入电压(VI
N
)水平。
D. 当输入电压
(VIN)上升至高于最低工作电压时, 虽然
输入电压
(VIN)升高于检测电压(VDET),在不超于
释放电压
(VREL)的情况下,地电压(VSS)会保持原
来的水平。
E. 当输入电压
(VIN)上升至高于释放电压(VREL)时, 电
路内的
N-沟道三极管会成OFF的状态,而P-沟道
三极管会成
ON的状态. 此外, 在此情况下输出电
(VOUT)与输入电压(VIN)相等. 此释放电压(VREL)
与检测电压
(VDET)的相差乃滯後现象范围(VHYS)。
VIN
Vss
Voltage
Reference
+
_
VOUT
P-ch
N-ch
输入电压 (VIN)
输出电压 (VOUT)
释放电压
(VREL)
检测电压
(VDET)
最低工作电压
地电压
(VSS)
释放电压
(VREL)
检测电压
(VDET)
最低工作电压
地电压
(VSS)
滯後现象范围
(VHYS)
A BC
D E
[ 运作时间表 ]


Similar Part No. - VDA3010NNA

ManufacturerPart #DatasheetDescription
logo
AnaSem Hong Kong Limite...
VDA3010NTA ANASEM-VDA3010NTA Datasheet
1Mb / 18P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
Rev. E13-01
More results

Similar Description - VDA3010NNA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com