Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2241P Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT2241P
Description  Programmable Encoder IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2241P Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT2241P Datasheet HTML 6Page - Princeton Technology Corp PT2241P Datasheet HTML 7Page - Princeton Technology Corp PT2241P Datasheet HTML 8Page - Princeton Technology Corp PT2241P Datasheet HTML 9Page - Princeton Technology Corp PT2241P Datasheet HTML 10Page - Princeton Technology Corp PT2241P Datasheet HTML 11Page - Princeton Technology Corp PT2241P Datasheet HTML 12Page - Princeton Technology Corp PT2241P Datasheet HTML 13Page - Princeton Technology Corp PT2241P Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2241 V1.5
- 10 -
March, 2006
Programmable Encoder IC
PT2241
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Operating voltage
VDD
-0.3 ~ 15
V
Input voltage
VIN
VDD=12V
All outputs not connected
VSS-0.3 ~ VDD+0.3
V
Operating temperature
Topr
VDD=12V
-40 ~ +85
Storage temperature
Tstg
-65 ~ +150
DC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25℃, VDD=12V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating voltage
VDD
1.8
12
15
V
Stand-by current
ISB
OSC connected to “Low”
other pins floating
-
-
1
µA
Operating current
IOP
Connect one data pin to “high”
-*
-
5
mA
VDD=12V, VOH=5V
30
25
-
VDD=9V, VOH=4.5V
12
15
-
DOUT output current
IOH
VDD=3V, VOH=1.5V
1.2
1.4
-
mA


Similar Part No. - PT2241P

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2241P PTC-PT2241P Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2241P-16 PTC-PT2241P-16 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2241P-16S PTC-PT2241P-16S Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2241P-S PTC-PT2241P-S Datasheet
48Kb / 3P
   Programmable Encoder IC?
More results

Similar Description - PT2241P

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com