Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDA6020CNA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VDA6020CNA
Description  CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDA6020CNA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VDA6020CNA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 10Page - List of Unclassifed Manufacturers VDA6020CNA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AnaSem Inc.
6
Rev. C09-09
VDA 系列
低电压,低功耗,
±1% 高精度电压检测 CMOS 电压检测器
.......... Future of the analog world
测试电路
电路 (2)
– 电流功耗
电路 (1)
– 工作电压,检测电压,滯後现象范围,电压检测温度特征
100KΩ
*1)
VIN
VSS
VOUT
R
VIN
VSS
VOUT
VIN
A
VIN
VSS
VOUT
VIN
A
VDS
电路 (3)
– N-沟道驱动输出电流
VIN
VSS
VOUT
VIN
A
VDS
电路 (4)
– P-沟道驱动输出电流
1) :
CMOS式输出的产品上电阻(100KΩ)可以省掉
1) :
CMOS式输出的产品上电阻 (100KΩ) 可以省掉
波形型号量度
100KΩ
*
1)
VIN
VSS
VOUT
VIN
R
V
V
电路 (5)
– 延迟时间 (VDR→VOUT 反向)


Similar Part No. - VDA6020CNA

ManufacturerPart #DatasheetDescription
logo
AnaSem Hong Kong Limite...
VDA6020CTA ANASEM-VDA6020CTA Datasheet
1Mb / 18P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
Rev. E13-01
More results

Similar Description - VDA6020CNA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com