Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDD301SNTA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VDD301SNTA
Description  CMOS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD301SNTA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VDD301SNTA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 10Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 11Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 12Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 13Page - List of Unclassifed Manufacturers VDD301SNTA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AnaSem Inc.
9
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
一般特征
– 检测和释放电压 vs. 温度
VDD181SCTA (CMOS 1.8V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
1.92
1.90
1.86
1.84
1.82
1.80
1.78
-40
-20
0
20
40
60
80
1.88
Release Voltage
Detect Voltage
VDD251SCTA (CMOS 2.5V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
2.66
2.64
2.60
2.58
2.56
2.54
2.52
2.50
2.48
Release Voltage
Detect Voltage
-40
-20
0
20
40
60
80
2.62
VDD451SCTA (CMOS 4.5V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
4.80
4.75
4.65
4.60
4.55
4.50
4.45
-40
-20
0
20
40
60
80
4.70
Release Voltage
Detect Voltage
VDD351SCTA (CMOS 3.5V)
VIN=0V~6.0V, Step=10°C
90
70
50
30
10
-10
-30
-50
Ambient Temperature : Ta (°C)
-40
-20
0
20
40
60
80
3.70
3.60
3.55
3.50
3.45
3.65
3.75
Release Voltage
Detect Voltage


Similar Part No. - VDD301SNTA

ManufacturerPart #DatasheetDescription
logo
AnaSem Hong Kong Limite...
VDD301SNTA ANASEM-VDD301SNTA Datasheet
1Mb / 20P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
Rev. E13-01
More results

Similar Description - VDD301SNTA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com