Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY40-XUR Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATTINY40-XUR
Description  8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY40-XUR Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATTINY40-XUR Datasheet HTML 2Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 3Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 4Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 5Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 6Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 7Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 8Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 9Page - ATMEL Corporation ATTINY40-XUR Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 216 page
background image
6
8263A–AVR–08/10
ATtiny40
3. General Information
3.1
Resources
A comprehensive set of drivers, application notes, data sheets and descriptions on development
tools are available for download at http://www.atmel.com/avr.
3.2
Code Examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. These code examples assume that the part specific header file is included before
compilation. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
3.3
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less
than 1 PPM over 20 years at 85°C or 100 years at 25°C.
3.4
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min and Max values
will be available after the device has been characterized.


Similar Part No. - ATTINY40-XUR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTINY402 MICROCHIP-ATTINY402 Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSF MICROCHIP-ATTINY402-SSF Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSFR MICROCHIP-ATTINY402-SSFR Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSN MICROCHIP-ATTINY402-SSN Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSNR MICROCHIP-ATTINY402-SSNR Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
More results

Similar Description - ATTINY40-XUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4433 ATMEL-AT90S4433 Datasheet
1Mb / 126P
   8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_06 Datasheet
3Mb / 347P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com