Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CZ-15JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF22V10CZ-15JC
Description  High-performance Electrically Erasable Programmable Logic Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CZ-15JC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF22V10CZ-15JC Datasheet HTML 1Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 2Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 3Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 4Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 5Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 6Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 7Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 8Page - ATMEL Corporation ATF22V10CZ-15JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
0778L–PLD–8/10
Atmel ATF22V10C(Q)Z
4.4
Input Test Waveforms
4.4.1
Input Test Waveforms and Measurement Levels
4.4.2
Output Test Loads
Note:
Similar competitors devices are specified with slightly different loads. These load differences may affect output signals’
delay and slew rate. Atmel devices are tested with sufficient margins to meet compatible device specification
conditions.
4.5
Pin Capacitance
Table 4-1.
Pin Capacitance (f = 1MHz,T=25C(1)
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested
4.6
Power-up Reset
The registers in the Atmel® ATF22V10CZ/CQZ are designed to reset during power-up. At a point delayed slightly
from V
CC crossing VRST, all registers will be reset to the low state. The output state will depend on the polarity of the
buffer.
This feature is critical for state machine initialization. However, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the following conditions are required:
1.
The V
CC rise must be monotonic and start below 0.7V
2.
The clock must remain stable during T
PR
3.
After T
PR occurs, all input and feedback setup times must be met before driving the clock pin high
4.7
Preload of Register Outputs
The ATF22V10CZ/CQZ’s registers are provided with circuitry to allow loading of each register with either a high or
a low. This feature will simplify testing since any state can be forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file with vectors is compiled. Once downloaded, the JEDEC
file preload sequence will be done automatically by most of the approved programmers after the programming.
Typ
Max
Units
Conditions
C
IN
810
pF
V
IN = 0V; f = 1.0MHz
C
I/O
810
pF
V
OUT = 0V; f = 1.0MHz


Similar Part No. - ATF22V10CZ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ-15JC ATMEL-ATF22V10CZ-15JC Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CZ-15JC ATMEL-ATF22V10CZ-15JC Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22V10CZ-15JC ATMEL-ATF22V10CZ-15JC Datasheet
280Kb / 20P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CZ-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com