Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDA3020CTA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VDA3020CTA
Description  CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDA3020CTA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VDA3020CTA Datasheet HTML 2Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDA3020CTA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AnaSem Inc.
5
Rev. C09-09
VDA 系列
低电压,低功耗,
±1% 高精度电压检测 CMOS 电压检测器
.......... Future of the analog world
电子规格
(Ta=25°C除非另有注明)
项目
符号
条件
最低
一般
最高
单位
测试
电路
工作电压范围
VIN
VDET = 0.8V ~ 6.0V
0.7
-
6.0
V
1
VDET
VDET = 1.8V ~ 6.0V
Ta = –40°C ~ +85°C
VDET
×0.99
VDET
VDET
×1.01
V
检测电压
VDET
VDET = 0.8V ~ 1.7V
Ta = –40°C ~ +85°C
VDET
×0.98
VDET
VDET
×1.02
V
1
滯後现象范围
VHYS
VDET
×0.02
VDET
×0.05
VDET
×0.08
V
1
VIN=0.7V
0.1
0.35
-
mA
VIN=1.0V
1.0
2.3
-
mA
VIN=2.0V
3.0
8.2
-
mA
VIN=3.0V
5.0
11.1
-
mA
VIN=4.0V
6.0
12.8
-
mA
N-ch
VDS=0.5V
VIN=5.0V
7.0
13.8
-
mA
3
CMOS P-ch
VDS=2.1V
VIN=6.0V
-
-9.5
-1.5
mA
4
输出电流
IOUT
CMOS N-ch
VDS=2.1V
VIN=6.0V
1.5
9.5
-
mA
3
VIN=1.5V
-
0.6
2.1
μA
VIN=2.0V
-
0.7
2.5
μA
VIN=3.0V
-
0.8
2.8
μA
VIN=4.0V
-
0.9
3.0
μA
电流功耗
ISS
VIN=5.0V
-
1.0
3.4
μA
2
流失电流
ILEAK
VIN=6.0V VOUT=6.0V
-
10
100
nA
3
VDET = 1.8V ~ 6.0V
Ta = –40°C ~ +85°C
-
±20
-
ppm/°C
电压检测温度特征
∆VDET /
∆Ta•VDET VDET = 0.8V ~ 1.7V
Ta = –40°C ~ +85°C
-
±100
-
ppm/°C
1
延迟时间
VDR→VOUT inversion
TDLY
Inverts from VDR to VOUT
-
0.03
0.2
ms
5


Similar Part No. - VDA3020CTA

ManufacturerPart #DatasheetDescription
logo
AnaSem Hong Kong Limite...
VDA3020CTA ANASEM-VDA3020CTA Datasheet
1Mb / 18P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector
Rev. E13-01
More results

Similar Description - VDA3020CTA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com