Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY40 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY40
Description  8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY40 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY40 Datasheet HTML 3Page - ATMEL Corporation ATTINY40 Datasheet HTML 4Page - ATMEL Corporation ATTINY40 Datasheet HTML 5Page - ATMEL Corporation ATTINY40 Datasheet HTML 6Page - ATMEL Corporation ATTINY40 Datasheet HTML 7Page - ATMEL Corporation ATTINY40 Datasheet HTML 8Page - ATMEL Corporation ATTINY40 Datasheet HTML 9Page - ATMEL Corporation ATTINY40 Datasheet HTML 10Page - ATMEL Corporation ATTINY40 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 216 page
background image
7
8263A–AVR–08/10
ATtiny40
4. CPU Core
This section discusses the AVR core architecture in general. The main function of the CPU core
is to ensure correct program execution. The CPU must therefore be able to access memories,
perform calculations, control peripherals, and handle interrupts.
4.1
Architectural Overview
Figure 4-1.
Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with
separate memories and buses for program and data. Instructions in the program memory are
executed with a single level pipelining. While one instruction is being executed, the next instruc-
tion is pre-fetched from the program memory. This concept enables instructions to be executed
in every clock cycle. The program memory is In-System Reprogrammable Flash memory.
The fast-access Register File contains 16 x 8-bit general purpose working registers with a single
clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU) operation. In a typ-
ical ALU operation, two operands are output from the Register File, the operation is executed,
and the result is stored back in the Register File – in one clock cycle.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
16 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
Watchdog
Timer
Analog
Comparator
Timer/Counter 0
ADC
TWI Slave
SPI
Timer/Counter 1


Similar Part No. - ATTINY40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTINY402 MICROCHIP-ATTINY402 Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSF MICROCHIP-ATTINY402-SSF Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSFR MICROCHIP-ATTINY402-SSFR Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSN MICROCHIP-ATTINY402-SSN Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
ATTINY402-SSNR MICROCHIP-ATTINY402-SSNR Datasheet
3Mb / 522P
   tinyAVR짰 0-series
2021
More results

Similar Description - ATTINY40

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4433 ATMEL-AT90S4433 Datasheet
1Mb / 126P
   8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_06 Datasheet
3Mb / 347P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com