Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CZ-12JC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22V10CZ-12JC
Description  High-performance Electrically Erasable Programmable Logic Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CZ-12JC Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22V10CZ-12JC Datasheet HTML 1Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 2Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 3Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 4Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 5Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 6Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 7Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 8Page - ATMEL Corporation ATF22V10CZ-12JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
0778L–PLD–8/10
Atmel ATF22V10C(Q)Z
3.
Absolute Maximum Ratings*
4.
DC and AC Operating Conditions
4.1
DC Characteristics
Note:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec
Temperature Under Bias .................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V DC, which may undershoot to -
2.0V for pulses of less than 20ns. Maximum output pin volt-
age is V
CC + 0.75V DC, which may overshoot to 7.0V for
pulses of less than 20ns.
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground...........................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming......................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground.........................-2.0V to +14.0V(1)
Commercial
Industrial
Operating Temperature (Ambient)
0
⋅C-70⋅C
-40
⋅C-85⋅C
V
CC Power Supply
5V ± 5%
5V ± 10%
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
0
≤ V
IN ≤ VIL (Max)
3.5
≤ V
IN ≤ VCC
-10
µA
I
IH
Input or I/O High
Leakage Current
10
µA
I
CC
Clocked Power
Supply Current
V
CC = Max
Outputs Open,
f = 15MHz
CZ-12, 15
Com
90
150
mA
CZ-15
Ind
90
180
mA
CQZ-20
Com
40
60
mA
CQZ-20
Ind
40
80
mA
I
SB
Power Supply Current,
Standby
V
CC = Max
V
IN = MAX
Outputs Open
CZ-12, 15
Com
5
100
µA
CZ-15
Ind
5
120
µA
CQZ-20
Com
5
100
µA
CQZ-20
Ind
5
120
µA
I
OS
(1)
Output Short Circuit
Current
V
OUT = 0.5V
-130
mA
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low Voltage
V
IN =VIH or VIL
V
CC = Min,
I
OL = 16mA
0.5
V
V
OH
Output High Voltage
V
IN =VIH or VIL
V
CCIO = Min,
I
OH = -4.0mA
2.4
V


Similar Part No. - ATF22V10CZ-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ-12JC ATMEL-ATF22V10CZ-12JC Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CZ-12JC ATMEL-ATF22V10CZ-12JC Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22V10CZ-12JC ATMEL-ATF22V10CZ-12JC Datasheet
280Kb / 20P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CZ-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com