Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02C-MAHM-T Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C02C-MAHM-T
Description  Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02C-MAHM-T Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C02C-MAHM-T Datasheet HTML 1Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 2Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 3Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 4Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 5Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 6Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 7Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 8Page - ATMEL Corporation AT24C02C-MAHM-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
8700D–SEEPR–8/10
Atmel AT24C02C
2.
Memory Organization
Atmel AT24C02C, 2K SERIAL EEPROM: Internally organized with 32 pages of 8-bytes each, the 2K requires an
8-bit data word address for random word addressing.
Note:
1. This parameter is characterized and is not 100% tested
Note:
1. V
IL min and VIH max are reference only and are not tested
Table 2-1.
Pin Capacitance(1)
Applicable over recommended operating range from T
A =25⋅C, f = 1.0MHz, VCC = +1.7V to +5.5V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O =0V
C
IN
Input Capacitance (A
0,A1,A2, SCL)
6
pF
V
IN =0V
Table 2-2.
DC Characteristics
Applicable over recommended operating range from: T
AI = 40°Cto+85°C, VCC = +1.7V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.7
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
V
CC3
Supply Voltage
2.7
5.5
V
V
CC4
Supply Voltage
4.5
5.5
V
I
CC
Supply Current V
CC = 5.0V
READ at 100kHz
0.4
1.0
mA
I
CC
Supply Current V
CC = 5.0V
WRITE at 100kHz
2.0
3.0
mA
I
SB1
Standby Current V
CC = 1.7V
V
IN =VCC or VSS
0.6
3.0
µA
I
SB2
Standby Current V
CC = 2.5V
V
IN =VCC or VSS
1.4
4.0
µA
I
SB3
Standby Current V
CC = 2.7V
V
IN =VCC or VSS
1.6
4.0
µA
I
SB4
Standby Current V
CC = 5.0V
V
IN =VCC or VSS
8.0
18.0
µA
I
LI
Input Leakage Current
V
IN =VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT =VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level(1)
–0.6
V
CC x 0.3
V
V
IH
Input High Level(1)
V
CC x 0.7
V
CC + 0.5
V
V
OL2
Output Low Level V
CC = 3.0V
I
OL = 2.1mA
0.4
V
V
OL1
Output Low Level V
CC = 1.7V
I
OL = 0.15mA
0.2
V


Similar Part No. - AT24C02C-MAHM-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT24C02C-MAHM-E MICROCHIP-AT24C02C-MAHM-E Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results

Similar Description - AT24C02C-MAHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com