Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02C-SSHM-T Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C02C-SSHM-T
Description  Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02C-SSHM-T Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C02C-SSHM-T Datasheet HTML 1Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 2Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 3Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 4Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 5Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 6Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 7Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 8Page - ATMEL Corporation AT24C02C-SSHM-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
8700D–SEEPR–8/10
Atmel AT24C02C
Note:
1. This parameter is ensured by characterization only
Table 2-3.
AC Characteristics
Applicable over recommended operating range from T
AI = 40°Cto+85°C, VCC = +1.7V to +5.5V, CL = 1TTL Gate and
100pF (unless otherwise noted)
Symbol
Parameter
1.7, 2.5, 2.7
5.0V
Units
Min
Max
Min
Max
f
SCL
Clock Frequency, SCL
400
1000
kHz
t
LOW
Clock Pulse Width Low
1.2
0.4
µs
t
HIGH
Clock Pulse Width High
0.6
0.4
µs
t
I
Noise Suppression Time
50
50
ns
t
AA
Clock Low to Data Out Valid
0.1
0.9
0.05
0.55
µs
t
BUF
Time the bus must be free before a new transmission can start
1.2
0.5
µs
t
HD.STA
Start Hold Time
0.6
0.25
µs
t
SU.STA
Start Setup Time
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
µs
t
SU.DAT
Data In Setup Time
100
100
ns
t
R
Inputs Rise Time(1)
0.3
0.3
µs
t
F
Inputs Fall Time(1)
300
100
ns
t
SU.STO
Stop Setup Time
0.6
.25
µs
t
DH
Data Out Hold Time
50
50
ns
t
WR
Write Cycle Time
5
5
ms
Endurance(1)
5.0V, 25
⋅C, Byte Mode
1 Million
Write
Cycles


Similar Part No. - AT24C02C-SSHM-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT24C02C-SSHM-T MICROCHIP-AT24C02C-SSHM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results

Similar Description - AT24C02C-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com