Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02C-PUM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C02C-PUM
Description  Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02C-PUM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C02C-PUM Datasheet HTML 2Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 3Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 4Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 5Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 6Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 7Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 8Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 9Page - ATMEL Corporation AT24C02C-PUM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
8700D–SEEPR–8/10
Atmel AT24C02C
3.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (see Figure 5-2 on page 8). Data changes during SCL high
periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any
other command (see Figure 5-3 on page 8).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power mode (see Figure 5-3 on page 8).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words.
The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock
cycle.
STANDBY MODE: The Atmel® AT24C02C features a low-power standby mode which is enabled: (a) upon power-
up and (b) after the receipt of the STOP bit and the completion of any internal operations.
2-Wire Software Reset: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset
by following these steps: (a) Create a start bit condition, (b) clock 9 cycles, (c) create another start bit followed by
stop bit condition as shown below. The device is ready for next communication after above steps have been
completed.
Figure 3-1.
Software reset
Start bit
Stop bit
Start bit
Dummy Clock Cycles
SCL
SDA
12
3
8
9


Similar Part No. - AT24C02C-PUM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AT24C02C-CUM-T MICROCHIP-AT24C02C-CUM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C02C-MAHM-E MICROCHIP-AT24C02C-MAHM-E Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C02C-SSHM-T MICROCHIP-AT24C02C-SSHM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C02C-STUM-T MICROCHIP-AT24C02C-STUM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C02C-XHM-T MICROCHIP-AT24C02C-XHM-T Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results

Similar Description - AT24C02C-PUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com