Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2381IMS-16PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2381IMS-16PBF
Description  16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2381IMS-16PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2381IMS-16PBF Datasheet HTML 1Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 2Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 3Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 4Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 5Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 6Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 7Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 8Page - Linear Technology LTC2381IMS-16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2381-16
2
238116f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ...............................................2.8V
Supply Voltage (OVDD)................................................6V
Reference Input (REF)..............................................2.8V
Analog Input Voltage (Note 3)
IN+, IN......................... (GND –0.3V) to (REF + 0.3V)
Digital Input Voltage
(Note 3)........................... (GND –0.3V) to (OVDD + 0.3V)
(Notes 1, 2)
16
15
14
13
12
11
10
9
17
GND
1
2
3
4
5
6
7
8
GND
OVDD
SDO
SCK
RDL/SDI
BUSY
GND
CNV
CHAIN
VDD
GND
IN+
IN
GND
REF
REF
TOP VIEW
DE PACKAGE
16-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
CHAIN
VDD
GND
IN+
IN
GND
REF
REF
16
15
14
13
12
11
10
9
GND
OVDD
SDO
SCK
RDL/SDI
BUSY
GND
CNV
TOP VIEW
MS PACKAGE
16-LEAD (4mm
5mm) PLASTIC MSOP
TJMAX = 150°C, θJA = 110°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2381CMS-16#PBF
LTC2381CMS-16#TRPBF
238116
16-Lead Plastic MSOP
0°C to 70°C
LTC2381IMS-16#PBF
LTC2381IMS-16#TRPBF
238116
16-Lead Plastic MSOP
–40°C to 85°C
LTC2381HMS-16#PBF
LTC2381HMS-16#TRPBF
238116
16-Lead Plastic MSOP
–40°C to 125°C
LTC2381CDE-16#PBF
LTC2381CDE-16#TRPBF
23816
16-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LTC2381IDE-16#PBF
LTC2381IDE-16#TRPBF
23816
16-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Digital Output Voltage
(Note 3)........................... (GND –0.3V) to (OVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC2381C ................................................ 0°C to 70°C
LTC2381I .............................................–40°C to 85°C
LTC2381H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C


Similar Part No. - LTC2381IMS-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2381-16 LINER-LTC2381-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
More results

Similar Description - LTC2381IMS-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2376-20 LINER-LTC2376-20_15 Datasheet
980Kb / 30P
   20-Bit, 250ksps, Low Power SAR ADC with 0.5ppm INL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com