Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300L-24 Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300L-24
Description  Low Power Wireless Transceiver Data Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300L-24 Datasheet(HTML) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300L-24 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L-24 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
www.rf-data.com
3
Before using our products, please read the user manual carefully. Any questions, feel
free to contact us at the above mentioned methods.
I: About KYL-300L
KYL-300L is a kind of low power wireless transceiver data module. With small size,
low power consumption as well as good stability and reliability, it is widely used as
wireless data transceiver in long-ranges, narrowband low power UHF wireless data
transmitters and receivers with channel spacing as low as 25 KHz.
II: Features of KYL-300L:
1. Low power transmission: 500mW (default), 600mW~1W (optional).
2. Carrier frequency: 433MHz (default), 400-470MHz, 868MHz, 915MHz
(optional)
3. High anti- interference and Low BER (Bit Error Rate)
Based on GFSK modulation, high-efficiency forward error correction channel
encoding technology is used to ensure the data’s resistance against both transient
interference and random interference. The actual BER can be achieved to 10-5~ 10-6
when channel BER is 10-2.
4. Long Transmission Distance
Within the visible range, when the height of antenna is higher than 2m and the BER
is 10-3, the reliable transmission distance is 3000m @1200bps and
2000m@9600bps respectively.
5. Transparent data transmission
Transparent data interface used in transceivers is to satisfy many standard and
nonstandard user protocols. Any false data generated in air can be filtrated
automatically (What has been received is exactly what has been transmitted).
6. Multi-channels
KYL-300L provides 8 channels, expandable for 16, 32 channels according to
requirements of users.
7. 2 ports with three connection methods
KYL-300L transceivers provide 2 ports with three connections, a UART interface
of TTL level, a non-standard RS-232 port and a non-standard RS-485 port. USB
interface port is also available. It can get the power for the PC directly
8. Big data buffer area
With optional interface baud rates: 1200/4800/9600/19200bps and 8N1/8E1/8O1
data format (decide by user), the transceiver can transmit unlimited data frames
with flexible user program.
Note: the RF data rate is only settled down before delivery; please specify our sales
your requirements when placing your orders.
9. Intelligent data control system and no other extra programs required


Similar Part No. - KYL-300L-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L-24 KYL-KYL-300L-24 Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
More results

Similar Description - KYL-300L-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
   Wireless Data Transceiver
logo
Radiometrix Ltd
BIM-UHF RADIOMETRIX-BIM-UHF Datasheet
690Kb / 17P
   Low Power UHF Data Transceiver Module
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com