Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300H-24 Datasheet(PDF) 8 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300H-24
Description  High Speed Data Radio Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300H-24 Datasheet(HTML) 8 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300H-24 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H-24 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-82943662
sales02@rf-data.com
www.rf-data.com
8
KYL-ANT-433-3-SMA: 28mm SMA helical antenna with magnetic core, small size,
beautiful appearance (like the mobile phone antenna)
KYL-ANT-433-10-ZSMA: 100mm SMA helical antenna with folding joint, easy for
adjusting the direction and fixing.
b.
Magnetic vehicle antenna
KYL-ANT-O433S-300H1.5-SMA: include magnetic antenna base, suitable for
equipment with metal shell, easy for fixing, effective to enhance the transmission
distance.
More kinds of antennas please go to our website our website:
http://www.rf-data.com/Products_list_en.asp?classid=163
If you have special demands on antennas, please specify, we can design and produce for
you individually.
IV. Network Application of KYL-300H
The communication channel of KYL-300H is half duplex, which is most suitable for
the communication mode of point to multi-point. Under this mode, one master station
must be set, and all of the rest are slave stations. A unique address is given to each
station. The coordination of communication is controlled by master station that uses
data frames containing address code to transmit data or command. Slave station will
receive all of the data and command and compare the received address code with local
address code. If they are different, the data will be deserted without any response. If


Similar Part No. - KYL-300H-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H-24 KYL-KYL-300H-24 Datasheet
697Kb / 14P
   KYL-300H High Speed Data RadioModule
More results

Similar Description - KYL-300H-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300M KYL-KYL-300M_1 Datasheet
141Kb / 10P
   RF Data Radio Module
logo
List of Unclassifed Man...
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
BIM2-433-160 ETC2-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
   High Speed Data Acquisition Module
logo
Radiometrix Ltd
BIM3A RADIOMETRIX-BIM3A Datasheet
195Kb / 11P
   869/914MHz high speed FM radio transceiver module
logo
SHENZHEN KYL COMMUNICAT...
KYL-220 KYL-KYL-220 Datasheet
155Kb / 9P
   High speed Rate RF Transceiver Data Module
logo
List of Unclassifed Man...
CDP-02 ETC2-CDP-02 Datasheet
2Mb / 16P
   UHF FM-NARROW BAND SYNTHESIZED RADIO DATA MODULE
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
   Radio data receiver
logo
Texas Instruments
RI-RFM-007 TI-RI-RFM-007 Datasheet
137Kb / 5P
[Old version datasheet]   HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com