Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300L Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300L
Description  Low Power Wireless Transceiver Data Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300L Datasheet(HTML) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300L_1 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300L_1 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Fax: +86-755-83408785
www.rf-data.com
4
Even for half duplex communication, no other excessive programs are required.
All RF system data transmission/reception and other On-the-Fly conversion and
control are performed by KYL-300L transceivers automatically.
10. Lower power consumption & nice sleep function
With +5V power, the receiving current is less than 25mA, the transmitting current
is less than 300mA, and the sleeping current is less than 20uA.
11. High reliability, small size and excellent performance
By using monolithic radio-frequency integrated circuit and single-chip MCU, the
transceivers have less peripheral circuits, high reliability, and low failure rate.
12. Various options for configurable antennas.
13. Watchdog monitor inside
Watchdog monitors the inner operation, so it can change the traditional product
structure and also improve the reliability of our modules.
14. With beautiful metal shell.
III: Application of KYL-300L:
KYL-300L the lower power wireless transceiver data module is suitable for:
KYL-200L is suitable for:
* Automatic Meter Reading (AMR);
* Wireless alarm and security systems;
* Building automation, security systems, wireless monitor, remote control and
access control system;
* Wireless data transmission, automatic data collection system;
* Radio modem can be used for Sports training & competition;
* Wireless dishes ordering;
* Wireless POS, PDA wireless smart terminal;
* RF module can be used for electronic bus station and intelligent traffics;
* RF transmitter, Wireless electronic display screen and Queuing machine;
* Wireless telemetry; charging for parking, parking lot;
* Wireless modem automobile inspection and four-wheel orientation;
* Wireless sensor, Industrial wireless remote control and air conditioning remote
controller;
* Data communication in the aspects of railway, oil field, dock and army.
* LED display in thruway and public place;
* Point to multi-point wireless network, wireless on-the-spot bus and automatic
data collection system
IV: How to use the KYL-300L
KYL-300L provide RS-232, RS-485 and UART/TTL level interface port for
direct connection with PC, RS485 devices, monolithic processors and other
UART components kinds of applications. The schematic diagram is shown below:


Similar Part No. - KYL-300L_1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L-12 KYL-KYL-300L-12 Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-300L-192 KYL-KYL-300L-192 Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
More results

Similar Description - KYL-300L_1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
   Wireless Data Transceiver
logo
Radiometrix Ltd
BIM-UHF RADIOMETRIX-BIM-UHF Datasheet
690Kb / 17P
   Low Power UHF Data Transceiver Module
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com