Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-200U-24 Datasheet(PDF) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-200U-24
Description  Micro PowerWireless Transceiver DataModule
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-200U-24 Datasheet(HTML) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-200U-24 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-200U-24 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
5
1. Power supply
The factory default setting is +5V (needing 3.3-3.6V, please notify us when placing
the order). Using better ripple factor, KYL-200U transceivers can also share power
supply with other equipments. If possible, a voltage-stabilizing chip with 5V
voltage is much recommended than Switch power supply. But if only switch power
supply is available, the jam caused by switch pulse should be avoided. In addition,
the reliable grounding must be used if there is other device in the system equipment.
In case of failing to connect with the ground, it can form its own grounding but
must be absolutely separated from the municipal electric supply.
2. Connection Definition with terminal
KYL-200U transceivers supply one 9-pin connector (JP1), their definitions and
connection methods with terminals are shown in Table 1.
Table 1: JP1 Pin Definitions and connection methods
Pin No. Signal Name Function
Level
Connection
with terminal
Remarks
1
GND
Grounding of power supply
Ground
2
Vcc
Power supply DC
5V
3
RxD/TTL
Serial data input to the transceiver
TTL
TxD
4
TxD/TTL
Transmitted
data
out
of
the
transceiver
TTL
RxD
5
SGND
Signal
6
A (TXD)
A of RS-485(TxD of RS-232)
A(RxD)
7
B (RXD)
B of RS-485(RxD of RS-232)
B(TxD)
8
SLEEP
Sleep control (input)
TTL
Sleep signal
High
level
sleep
9
RESET
Reset signal(input)
TTL
Negative
pulse reset
3. The connection schematic diagram between computer and our RF module


Similar Part No. - KYL-200U-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200U-24 KYL-KYL-200U-24 Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
More results

Similar Description - KYL-200U-24

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-300I KYL-KYL-300I Datasheet
520Kb / 15P
   KYL-300I Low PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
KYL-210 KYL-KYL-210_1 Datasheet
297Kb / 9P
   High speed Rate RF Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com