Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34440ETL+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX34440ETL+
Description  PMBus 6-Channel Power-Supply Manager
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440ETL+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX34440ETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 9Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 10Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 11Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 12Page - Maxim Integrated Products MAX34440ETL+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
9
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
FILTERED MARGINING VOLTAGE
vs. TIME DURING MARGIN UP
MAX34440 toc05
100ms/div
200mV/div
0V
IDD vs. TIME DURING A NONVOLATILE LOG WRITE
(TA = +25°C, VDD = 3.3V)
MAX34440 toc04
2ms/div
1mA/div
0A
WEAK PULLUP VOLTAGE vs. TIME AT POR
(UNLOADED PINS, VDD = 3.3V)
MAX34440 toc03
1ms/div
1V/div
0V
0V
0V
C3 = PWM0
C2 = VDD
C1 = PSEN0
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VDD (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.1
2.2
2.3
2.4
2.5
2.6
2.0
2.7
5.5
TA = +25°C
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
2.1
2.2
2.3
2.4
2.5
2.6
2.0
-40
100
VDD = 3.3V


Similar Part No. - MAX34440ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL++ MAXIM-MAX34440ETL+ Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440ETL+T MAXIM-MAX34440ETL+T Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
More results

Similar Description - MAX34440ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
   PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
logo
Linear Technology
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
logo
Analog Devices
LTC2977 AD-LTC2977 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
logo
Linear Technology
LTC2977 LINER-LTC2977 Datasheet
927Kb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com