Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX31782ETL+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX31782ETL+
Description  System Management Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31782ETL+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX31782ETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 9Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 10Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 11Page - Maxim Integrated Products MAX31782ETL+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
System Management Microcontroller
8
Pin Description (continued)
PIN
NAME
FUNCTION
20
PWM.3
PWM Output No. 3. When disabled, this pin can be used as GPIO.
22
REG18
Bypass REG18 to VSS with 1FF and high-frequency 10nF capacitors. Do not use for external
circuitry.
23
TACH.3
Tachometer Input No. 3. When disabled, this pin can be used as GPIO.
24
PWM.2
PWM Output No. 2. When disabled, this pin can be used as GPIO.
25
TACH.2
Tachometer Input No. 2. When disabled, this pin can be used as GPIO.
26
PWM.1
PWM Output No. 1. When disabled, this pin can be used as GPIO.
27
TACH.1
Tachometer Input No. 1. When disabled, this pin can be used as GPIO.
28
PWM.0
PWM Output No. 0. When disabled, this pin can be used as GPIO.
29
REG25
Bypass REG25 to VSS with 1FF and high-frequency 10nF capacitors. Do not use for external
circuitry.
30
TACH.0
Tachometer Input No. 0. When disabled, this pin can be used as GPIO.
31
SDA
Slave I2C-Compatible Bidirectional Data Line. When disabled, this pin can be used as GPIO.
32
SCL
Slave I2C-Compatible Clock. When disabled, this pin can be used as GPIO.
33
P6.4/TBA
Programmable I/O Pin. Alternate function: Timer/Counter TBA
34
P6.3/TDO
Programmable I/O Pin. Alternate function: JTAG TDO
35
P6.2/TMS/TBB
Programmable I/O Pin. Alternate functions: Timer/Counter TBB, JTAG TMS
37
P6.1/TDI
Programmable I/O Pin. Alternate function: JTAG TDI
38
P6.0/TCK
Programmable I/O Pin. Alternate function: JTAG TCK
39
AD5N
Ground Reference for ADC.5 Voltage Measurement
40
AD5P
ADC Voltage-Sense Input, Measurement Relative to AD5N
EP
Exposed Pad. Not electrically connected to IC. Connect to VSS.


Similar Part No. - MAX31782ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782ETL++ MAXIM-MAX31782ETL+ Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 2; 1/12
MAX31782ETL+T MAXIM-MAX31782ETL+T Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 2; 1/12
More results

Similar Description - MAX31782ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782_12 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 2; 1/12
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
STMicroelectronics
AN2202 STMICROELECTRONICS-AN2202 Datasheet
128Kb / 12P
   STR73x microcontroller power management
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com