Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17491GTA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17491GTA+
Description  Single-Phase Synchronous MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17491GTA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17491GTA+ Datasheet HTML 3Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 9Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 10Page - Maxim Integrated Products MAX17491GTA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX17491 single-phase gate driver, along with the
MAX8736, MAX8786, or MAX17030 multiphase con-
trollers, provide flexible multiphase CPU core-voltage
supplies. The low driver resistance allows up to 7A out-
put peak current. Each MOSFET driver in the
MAX17491 can drive 3nF capacitive loads with only 9ns
propagation delay and 4ns/8ns (typ) fall/rise times,
allowing operation up to 3MHz per phase. Larger
capacitive loads are allowable but result in longer prop-
agation and transition times. Adaptive dead-time con-
trol prevents shoot-through currents and maximizes
converter efficiency while allowing operation with a vari-
ety of MOSFETs and PWM controllers. An input under-
voltage-lockout (UVLO) circuit allows proper power-on
sequencing.
PWM Input
The drivers for the MAX17491 are disabled—DH and
DL pulled low—if the PWM input remains in the midlevel
window for at least 300ns (typ). Once the PWM signal is
driven high or low, the MAX17491 immediately exits the
low-current shutdown state and resumes active opera-
tion. Outside the shutdown state, the drivers are
enabled based on the rising and falling thresholds
specified in the
Electrical Characteristics.
MOSFET Gate Drivers (DH, DL)
The high-side driver (DH) has a 0.9
Ω sourcing resis-
tance and 0.7
Ω sinking resistance, resulting in 2.2A
peak sourcing current and 2.7A peak sinking current
with a 5V supply voltage. The low-side driver (DL) has a
typical 0.7
Ω sourcing resistance and 0.3Ω sinking
resistance, yielding 2.7A peak sourcing current and 8A
peak sinking current. This reduces switching losses,
making the MAX17491 ideal for both high-frequency
and high-output-current applications.
Single-Phase Synchronous MOSFET Driver
_______________________________________________________________________________________
7
OUTPUT (VOUT)
L1
0.36
μH
MAX17491
PWM
DH
BST
LX
DL
GND
PAD
PWM
+5V BIAS
SUPPLY
SKIP
SKIP
VDD
CBST
0.22
μF
COUT
2x 330
μF
6m
Ω
CIN
2x 10
μF
INPUT (VIN)
CVDD
1.0
μF
NL
DL
NH
Figure 3. Typical MOSFET-Driver Application Circuit
Table 1. Typical Components
DESIGNATION
QTY
COMPONENT SUPPLIERS
NH
1 per phase
Siliconix Si4860DY
NL
1–2 per phase
Siliconix Si4336DY
BST Capacitor (CBST)
1 per phase
0.1µF or 0.22µF ceramic capacitor
Schottky Diode
Optional
3A, 40V Schottky diode
Inductor (L1)
1 per phase
0.36µH, 26A, 0.9m
Ω power inductor
Output Capacitors (COUT)
1–2 per phase
330µF, 6m
Ω per phase
Input Capacitors (CIN)
1–2 per phase
10µF, 25V X5R ceramic capacitors


Similar Part No. - MAX17491GTA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17491GTA++ MAXIM-MAX17491GTA+ Datasheet
791Kb / 13P
   Single-Phase Synchronous MOSFET Driver
2020
More results

Similar Description - MAX17491GTA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17491 MAXIM-MAX17491_V01 Datasheet
791Kb / 13P
   Single-Phase Synchronous MOSFET Driver
2020
MAX8791 MAXIM-MAX8791 Datasheet
645Kb / 11P
   Single-Phase Synchronous MOSFET Driver
Rev 1; 11/06
logo
Richtek Technology Corp...
RT9624F RICHTEK-RT9624F Datasheet
155Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624H RICHTEK-RT9624H Datasheet
152Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B_15 Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C Datasheet
201Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9614A RICHTEK-RT9614A Datasheet
268Kb / 19P
   Single Phase Synchronous Rectified Buck MOSFET Driver
January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com