Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11211 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11211
Description  18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11211 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11211 Datasheet HTML 4Page - Maxim Integrated Products MAX11211 Datasheet HTML 5Page - Maxim Integrated Products MAX11211 Datasheet HTML 6Page - Maxim Integrated Products MAX11211 Datasheet HTML 7Page - Maxim Integrated Products MAX11211 Datasheet HTML 8Page - Maxim Integrated Products MAX11211 Datasheet HTML 9Page - Maxim Integrated Products MAX11211 Datasheet HTML 10Page - Maxim Integrated Products MAX11211 Datasheet HTML 11Page - Maxim Integrated Products MAX11211 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8 ______________________________________________________________________________________
18-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Pin Description
Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GPIO1
GPIO4
CLK
SCLK
RDY/DOUT
DIN
CS
DVDD
AVDD
TOP VIEW
QSOP
GPIO2
GPIO3
REFN
GND
REFP
AINN
AINP
+
MAX11209
MAX11211
PIN
NAME
FUNCTION
1
GPIO1
General-Purpose I/O 1. Register controllable using SPI.
2
GPIO2
General-Purpose I/O 2. Register controllable using SPI.
3
GPIO3
General-Purpose I/O 3. Register controllable using SPI.
4
GND
Ground. Ground reference for analog and digital circuitry.
5
REFP
Differential Reference Positive Input. REFP must be more positive than REFN. Connect REFP to a voltage
between AVDD and GND.
6
REFN
Differential Reference Negative Input. REFN must be more negative than REFP. Connect REFN to a volt-
age between AVDD and GND.
7
AINN
Negative Fully Differential Analog Input
8
AINP
Positive Fully Differential Analog Input
9
AVDD
Analog Supply Voltage. Connect a supply voltage between +2.7V and +3.6V with respect to GND.
10
DVDD
Digital Supply Voltage. Connect a digital supply voltage between +1.7V and +3.6V with respect to GND.
11
CS
Active-Low, Chip-Select Logic Input
12
DIN
Serial-Data Input. Data present at DIN is shifted to the device’s internal registers at the rising edge of the
serial clock at SCLK, when the device is accessed for an internal register write or for a command opera-
tion.
13
RDY/DOUT
Data Ready Output/Serial-Data Output. This output serves a dual function. In addition to the serial-data
output function, the RDY/DOUT also indicates that the data is ready when the RDY is logic-low. RDY/
DOUT changes on the falling edge of SCLK.
14
SCLK
Serial-Clock Input. Apply an external serial clock to SCLK.
15
CLK
External Clock Signal Input. When external clock mode is selected (EXTCLK = 1), provide a 2.4576MHz
or 2.048MHz clock signal at CLK. Other frequencies can be used, but the data rate and digital filter
notch frequencies scale accordingly.
16
GPIO4
General-Purpose I/O 4. Register controllable using SPI.


Similar Part No. - MAX11211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11211 MAXIM-MAX11211 Datasheet
1Mb / 14P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11211 MAXIM-MAX11211 Datasheet
1Mb / 14P
   18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11211EEE++ MAXIM-MAX11211EEE+ Datasheet
2Mb / 27P
   18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results

Similar Description - MAX11211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11209 MAXIM-MAX11209_V01 Datasheet
2Mb / 27P
   18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX11203 MAXIM-MAX11203 Datasheet
2Mb / 27P
   16-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 6/10
MAX11206 MAXIM-MAX11206_V01 Datasheet
2Mb / 27P
   20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX11203 MAXIM-MAX11203_V01 Datasheet
1Mb / 26P
   16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
MAX11206 MAXIM-MAX11206 Datasheet
1Mb / 27P
   20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 8/10
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
MAX11200 MAXIM-MAX11200_V01 Datasheet
1Mb / 26P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
2014
MAX11200 MAXIM-MAX11200 Datasheet
2Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com