Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5539 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5539
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5539 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5539 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5539
No.6341–4/5
VCE=2V, IC=20mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
3
6
.
02
.
8
8
–3
5
0
.
6
20
.
1
3
12
3
0
.
05
.
5
58
6
6
.
08
.
0
5
0
0
20
9
5
.
00
.
6
2
1
–8
5
1
.
6
18
.
1
1
13
4
0
.
08
.
7
42
2
4
.
08
.
1
7
0
0
45
7
5
.
08
.
3
5
1
–9
4
7
.
81
.
6
97
5
0
.
02
.
2
57
4
2
.
07
.
0
9
0
0
61
7
5
.
09
.
4
6
1
–5
6
9
.
50
.
8
82
7
0
.
05
.
7
57
8
1
.
06
.
0
0
1
0
0
87
6
5
.
07
.
1
7
1
–8
2
5
.
42
.
2
89
8
0
.
01
.
1
61
6
1
.
03
.
7
0
1
0
0
0
13
6
5
.
07
.
6
7
1
–5
7
6
.
33
.
7
76
0
1
.
03
.
3
60
5
1
.
00
.
2
1
1
0
0
2
19
5
5
.
03
.
9
7
10
0
1
.
38
.
2
74
2
1
.
09
.
4
66
4
1
.
00
.
5
1
1
0
0
4
14
5
5
.
07
.
5
7
16
8
6
.
28
.
8
62
4
1
.
05
.
5
65
4
1
.
06
.
7
1
1
0
0
6
11
5
5
.
04
.
2
7
16
8
3
.
21
.
5
61
6
1
.
04
.
5
67
4
1
.
01
.
9
1
1
0
0
8
17
4
5
.
01
.
9
6
17
5
1
.
24
.
1
69
7
1
.
03
.
5
69
4
1
.
09
.
9
1
1
0
0
0
23
4
5
.
00
.
6
6
11
7
9
.
10
.
8
58
9
1
.
00
.
5
64
5
1
.
05
.
0
2
1
VCE=2V, IC=30mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
0
6
.
08
.
1
0
1
–3
2
1
.
8
28
.
5
2
19
2
0
.
05
.
3
50
0
6
.
07
.
7
5
0
0
28
7
5
.
04
.
6
3
1
–2
4
6
.
6
11
.
8
0
19
3
0
.
05
.
9
45
6
3
.
02
.
9
7
0
0
45
7
5
.
07
.
9
5
1
–8
2
8
.
80
.
4
93
5
0
.
01
.
6
55
1
2
.
05
.
9
9
0
0
63
7
5
.
02
.
9
6
1
–4
9
9
.
56
.
6
80
7
0
.
05
.
1
68
6
1
.
04
.
0
1
1
0
0
80
7
5
.
01
.
5
7
1
–2
4
5
.
41
.
1
88
8
0
.
07
.
4
68
4
1
.
06
.
7
1
1
0
0
0
17
6
5
.
04
.
9
7
1
–1
8
6
.
35
.
6
76
0
1
.
06
.
6
60
4
1
.
03
.
2
2
1
0
0
2
12
6
5
.
00
.
7
7
19
0
1
.
32
.
2
75
2
1
.
05
.
7
67
3
1
.
01
.
5
2
1
0
0
4
18
5
5
.
06
.
3
7
10
9
6
.
23
.
8
64
4
1
.
07
.
7
68
3
1
.
03
.
7
2
1
0
0
6
15
5
5
.
06
.
0
7
11
9
3
.
26
.
4
63
6
1
.
03
.
7
60
4
1
.
04
.
8
2
1
0
0
8
11
5
5
.
05
.
7
6
11
6
1
.
21
.
1
63
8
1
.
08
.
6
63
4
1
.
08
.
8
2
1
0
0
0
27
4
5
.
04
.
4
6
15
7
9
.
17
.
7
52
0
2
.
09
.
5
66
4
1
.
01
.
9
2
1
VCE=5V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
12
4
8
.
00
.
3
4
–1
1
2
.
3
12
.
2
5
15
3
0
.
00
.
8
65
0
9
.
06
.
9
1
0
0
23
5
7
.
07
.
6
7
–4
7
4
.
0
18
.
2
3
16
5
0
.
00
.
3
56
4
7
.
07
.
1
3
0
0
46
6
6
.
06
.
6
1
1
–0
6
9
.
66
.
9
0
13
7
0
.
07
.
1
42
4
5
.
09
.
0
4
0
0
68
2
6
.
08
.
7
3
1
–9
2
0
.
57
.
6
91
8
0
.
02
.
0
42
5
4
.
03
.
3
4
0
0
80
1
6
.
04
.
0
5
1
–5
8
8
.
39
.
7
86
8
0
.
06
.
2
49
0
4
.
09
.
4
4
0
0
0
12
0
6
.
09
.
8
5
1
–6
4
1
.
32
.
1
82
9
0
.
05
.
6
41
8
3
.
00
.
7
4
0
0
2
14
9
5
.
04
.
5
6
1
–3
6
6
.
23
.
5
70
0
1
.
04
.
0
51
7
3
.
02
.
9
4
0
0
4
19
8
5
.
00
.
1
7
1
–8
0
3
.
21
.
0
79
0
1
.
02
.
4
57
6
3
.
00
.
2
5
0
0
6
16
8
5
.
08
.
5
7
1
–4
5
0
.
25
.
5
68
1
1
.
08
.
7
59
6
3
.
08
.
4
5
0
0
8
11
8
5
.
07
.
9
7
16
7
8
.
11
.
1
69
2
1
.
05
.
0
68
7
3
.
06
.
7
5
0
0
0
28
7
5
.
05
.
5
7
13
1
7
.
11
.
7
51
4
1
.
05
.
3
63
8
3
.
07
.
0
6


Similar Part No. - 2SC5539

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
   NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
More results

Similar Description - 2SC5539

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5501 SANYO-2SC5501 Datasheet
46Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H05B SANYO-EC3H05B Datasheet
25Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com