Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8934GETI+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8934GETI+
Description  Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8934GETI+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8934GETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 11Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 12Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 13Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 14Page - Maxim Integrated Products MAX8934GETI+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Dual-Input Linear Charger, Smart Power Selector
with Advanced Battery Temperature Monitoring
______________________________________________________________________________________ 11
Typical Operating Characteristics (continued)
(TA = +25NC, circuit of Figure 2, VDC = 6V, VBATT = 3.6V, thermistor Beta = 3964, unless otherwise noted. Negative battery current
indicates charging.)
THM NORMAL TO THM HOT NO
CHARGE (> T4) TRANSITION
MAX8934G toc33
500mV/div
2V/div
100mA/div
IBATT
VBATT
VTHM
20ms/div
0.65V
4.2V
0V
0mA
100mA
4.075V
HP6060B ELECTRONIC
LOAD SET TO CC MODE
THM NORMAL TO T2 TO T1
(COLD, NO CHARGE) TRANSITION
MAX8934G toc35
1V/div
1V/div
200mA/div
VTHM
VBATT
IBATT
10ms/div
10I RESISTOR FROM BATT TO GND
4.2V
0V
0mA
4.075V
2.54V
2.2V
420mA
MAX8934G toc34
2V/div
2V/div
2V/div
2V/div
VTHM
VBATT
VSYS
4ms/div
THM NORMAL TO THM HOT
THRESHOLD DISCHARGE TOT
VOT
3V
3.6V
3.6V
0.425V
THM NORMAL TO THM HOT
(> T3) TRANSITION
MAX8934G toc32
500mV/div
200mV/div
500mA/div
IBATT
VBATT
VTHM
10ms/div
1.0V
4.2V
HP6060B ELECTRONIC LOAD
SET TO CC MODE
4.075V
940mA


Similar Part No. - MAX8934GETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8934A MAXIM-MAX8934A Datasheet
499Kb / 15P
   Fully Assembled and Tested
Rev 1; 1/14
MAX8934A MAXIM-MAX8934A Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX8934AETI++ MAXIM-MAX8934AETI+ Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8934AETI++ MAXIM-MAX8934AETI+ Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
More results

Similar Description - MAX8934GETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
logo
Linear Technology
LTC1960 LINER-LTC1960_11 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960CG LINER-LTC1960CG Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
   28V, 1A Dual Input Linear Battery Charger With Timer
logo
Linear Technology
LTC1960 LINER-LTC1960_15 Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960 LINER-LTC1960 Datasheet
282Kb / 24P
   Dual Battery Charger/Selector with SPI Interface
LTC1960CGPBF LINER-LTC1960CGPBF Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Maxim Integrated Produc...
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com