Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5974BETE+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5974BETE+
Description  Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5974BETE+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5974BETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5974BETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Active-Clamped, Spread-Spectrum,
Current-Mode PWM Controllers
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
IN to GND..............................................................-0.3V to +24V
EN, NDRV, AUXDRV to GND .....................-0.3V to (VIN + 0.3V)
RT, DT, FFB, COMP, SS, DCLMP, DITHER/SYNC
to GND .................................................................-0.3V to +6V
FB to GND (MAX5974A/MAX5974B only)..................-6V to +6V
FB to GND (MAX5974C/MAX5974D only) ..............-0.3V to +6V
CS, CSSC to GND...................................................-0.8V to +6V
PGND to GND ......................................................-0.3V to +0.3V
Maximum Input/Output Current (continuous)
NDRV, AUXDRV............................................................100mA
NDRV, AUXDRV (pulsed for less than 100ns).................. Q1A
Continuous Power Dissipation (TA = +70NC) (Note 1)
16-Pin TQFN (derate 20.8mW/NC above +70NC).......1666mW
Junction-to-Case Thermal Resistance (BJC) (Note 1)
16-Pin TQFN...................................................................7NC/W
Junction-to-Ambient Thermal Resistance (BJA) (Note 1)
16-Pin TQFN.................................................................48NC/W
Operating Temperature Range.......................... -40NC to +85NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL_CHARACTERISTICS
(VIN = 12V (for MAX5974A/MAX5974C, bring VIN up to 21V for startup), VCS = VCSSC = VDITHER/SYNC = VFB = VFFB = VDCLMP =
VGND, VEN = +2V, NDRV = AUXDRV = SS = COMP = unconnected, RRT = 34.8kI, RDT = 25kI, CIN = 1FF, TA = -40NC to +85NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE_MAXIMUM_RATINGS
Note_1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE_LOCKOUT/STARTUP_(IN)
Bootstrap UVLO Wakeup Level
VINUVR
VIN rising
MAX5974A/
MAX5974C
19.1
19.8
20.4
V
MAX5974B/
MAX5974D
9.4
9.8
10.25
Bootstrap UVLO Shutdown
Level
VINUVF
VIN falling
6.65
7
7.35
V
IN Supply Current in
Undervoltage Lockout
ISTART
VIN = +18V (for MAX5974A/
MAX5974C);
VIN = +9V (for MAX5974B/MAX5974D),
when in bootstrap UVLO
100
150
F
A
IN Supply Current After Startup
IC
VIN = +12V
1.8
3
mA
ENABLE_(EN)
Enable Threshold
VENR
VEN rising
1.17
1.215
1.26
V
VENF
VEN falling
1.09
1.14
1.19
Input Current
IEN
1
F
A
OSCILLATOR_(RT)
RT Bias Voltage
VRT
1.23
V
NDRV Switching Frequency
Range
fSW
100
600
kHz
NDRV Switching Frequency
Accuracy
-8
+8
%
Maximum Duty Cycle
DMAX
fSW = 250kHz
79
80
82
%


Similar Part No. - MAX5974BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974BETE++ MAXIM-MAX5974BETE+ Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
More results

Similar Description - MAX5974BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974A MAXIM-MAX5974A_11 Datasheet
2Mb / 27P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 2; 6/11
MAX5974A MAXIM-MAX5974A_V01 Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com